Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 190Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 252 page
background image
Page 175
TMP86FS23UG
16. Real-Time Clock
The TMP86FS23UG include a real time counter (RTC). A low-frequency clock can be used to provide a periodic
interrupt (0.0625[s],0.125[s],0.25[s],0.50[s]) at a programmed interval, implement the clock function. The RTC can
be used in the mode in which the low-frequency oscillator is active (except for the SLEEP0 mode).
16.1 Configuration
Figure 16-1 Configuration of the RTC
16.2 Control of the RTC
The RTC is controlled by the RTC control register (RTCCR).
Note 1: Program the RTCCR during low-frequency oscillation (when SYSCR2<XTEN> = “1”). For selecting an interrupt genera-
tion period, program the RTCSEL when the timer is inactive (RTCRUN = “0”). During the timer operation, do not change
the RTCSEL programming at the same moment the timer stops.
Note 2: The timer automatically stops, and this register is initialized (the timer's binary counter is also initialized) if one of the fol-
lowing operations is performed while the timer is active:
1. Stopping the low-frequency oscillation (with SYSCR2<XTEN> = “0”)
2. When the TMP86FS23UG are put in STOP or SLEEP0 mode
Therefore, before activating the timer after releasing from STOP or SLEEP0 mode, reprogram the registers again.
Note 3: If a read instruction for RTCCR is executed, undefined value is set to bits 7 to 3.
Note 4: If break processing is performed on the debugger for the development tool during the timer operation, the timer stops
counting (contents of the RTCCR isn't altered). When the break is cancelled, processing is restarted from the point at
which it was suspended.
RTC Control Register
RTCCR
(0017H)
76
54
3
2
1
0
RTCSEL
RTCRUN
(Initial value: **** *000)
RTCSEL
Interrupt generation period
(fs = 32.768 kHz)
00: 0.50 [s]
01: 0.25 [s]
10: 0.125 [s]
11: 0.0625 [s]
R/W
RTCRUN
RTC control
0: Stops and clears the binary counter.
1: Starts counting
Selector
RTCCR
RTCSEL
Interrupt request
INTRTC
Binary counter
RTCRUN
214/fs
213/fs
212/fs
211/fs
fs
(32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com