Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 212 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 212 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 215Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 216Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 252 page
background image
Page 200
19. Serial PROM Mode
19.4 Interface Specifications for UART
TMP86FS23UG
Note 1: “Ref. Frequency” and “Rating” show frequencies available in the serial PROM mode. Though the frequency is supported
in the serial PROM mode, the serial PROM mode may not be activated correctly due to the frequency difference in the
external controller (such as personal computer) and oscillator, and load capacitance of communication pins.
Note 2: It is recommended that the total frequency difference is within
±3% so that auto detection is performed correctly by the ref-
erence frequency.
Note 3: The external controller must transmit the matching data (5AH) repeatedly till the auto detection of baud rate is performed.
This number indicates the number of times the matching data is transmitted for each frequency.
Table 19-5 Operating Frequency and Baud Rate in the Serial PROM Mode
(Note 3)
Reference Baud Rate
(bps)
76800
62500
57600
38400
31250
19200
9600
Baud Rate Modification
Data
04H
05H
06H
07H
0AH
18H
28H
Ref. Fre-
quency
(MHz)
Rating
(MHz)
Baud
rate
(bps)
(%)(bps)(%)
(bps)(%)
(bps)
(%)
(bps)(%)
(bps)(%)
(bps)(%)
1
2
1.91 to 2.10
-
--------
---
9615
+0.16
2
4
3.82 to 4.19
-
-------
31250
0.00
19231
+0.16
9615
+0.16
4.19
3.82 to 4.19
-
-------
32734
+4.75
20144
+4.92
10072
+4.92
3
4.9152
4.70 to 5.16
-
-----
38400
0.00
-
-
19200
0.00
9600
0.00
5
4.70 to 5.16
-
-----
39063
+1.73
-
-
19531
+1.73
9766
+1.73
4
6
5.87 to 6.45
-
--------
---
9375
-2.34
6.144
5.87 to 6.45
-
--------
---
9600
0.00
5
7.3728
7.05 to 7.74
-
-
-
57600
0.00
-
-
-
-
19200
0.00
9600
0.00
6
8
7.64 to 8.39
-
-
62500
0.00
-
-
38462
+0.16
31250
0.00
19231
+0.16
9615
+0.16
7
9.8304
9.40 to 10.32
76800
0.00
----
38400
0.00
-
-
19200
0.00
9600
0.00
10
9.40 to 10.32
78125
+1.73
----
39063
+1.73
-
-
19531
+1.73
9766
+1.73
8
12
11.75 to 12.90
-
-
-
-
57692
+0.16
-
-
31250
0.00
18750
-2.34
9375
-2.34
12.288
11.75 to 12.90
-
-
-
-
59077
+2.56
-
-
32000
+2.40
19200
0.00
9600
0.00
12.5
11.75 to 12.90
-
-
60096
-3.85
60096
+4.33
-
-
30048
-3.85
19531
+1.73
9766
+1.73
9
14.7456
14.10 to 15.48
-
-
-
-
57600
0.00
38400
0.00
-
-
19200
0.00
9600
0.00
10
16
15.27 to 16.77
76923
+0.16
62500
0.00
-
-
38462
+0.16
31250
0.00
19231
+0.16
9615
+0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com