Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 46Page - STMicroelectronics STM32U375CE Datasheet HTML 47Page - STMicroelectronics STM32U375CE Datasheet HTML 48Page - STMicroelectronics STM32U375CE Datasheet HTML 49Page - STMicroelectronics STM32U375CE Datasheet HTML 50Page - STMicroelectronics STM32U375CE Datasheet HTML 51Page - STMicroelectronics STM32U375CE Datasheet HTML 52Page - STMicroelectronics STM32U375CE Datasheet HTML 53Page - STMicroelectronics STM32U375CE Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 222 page
background image
Table 17. SAI features
SAI features
SAI1
I2S, LSB or MSB-justified, PCM/DSP, TDM, AC'97
X
Mute mode
X
Stereo/mono audio frame capability.
X
16 slots
X
Data size configurable: 8-, 10-, 16-, 20-, 24-, 32-bit
X
FIFO size
X (8 words)
SPDIF
X
PDM
X(2)
1. X = supported.
2. Only signals D[3:1], and CK[2:1] are available.
3.39
Secure digital input/output and MultiMediaCards interface (SDMMC)
The SDMMC (SD/SDIO embedded MultiMediaCard eMMC™ host interface) provides an interface between the
AHB bus and SD memory cards, SDIO cards and eMMC devices.
The MultiMediaCard system specifications are available through the MultiMediaCard association website at
www.jedec.org, published by the MMCA technical committee.
SD memory card and SD I/O card system specifications are available through the SD card Association website at
www.sdcard.org.
The SDMMC features include the following:
•
Compliance with Embedded MultiMediaCard System Specification Version 5.1
Card support for three different databus modes: 1-bit (default), 4-bit and 8-bit
(HS200 SDMMC_CK speed limited to maximum allowed I/O speed) (HS400 is not supported).
•
Full compatibility with previous versions of MultiMediaCards (backward compatibility).
•
Full compliance with SD memory card specifications version 6.0
(SDR104 SDMMC_CK speed limited to maximum allowed I/O speed, SPI mode and UHS-II mode not supported).
•
Full compliance with SDIO card specification version 4.0
Card support for two different databus modes: 1-bit (default) and 4-bit
(SDR104 SDMMC_CK speed limited to maximum allowed I/O speed, SPI mode and UHS-II mode not supported).
•
Data transfer up to 208 Mbyte/s for the 8-bit mode
(Depending maximum allowed I/O speed).
•
Data and command output enable signals to control external bidirectional drivers
•
IDMA linked list support
The MultiMediaCard/SD bus connects cards to the host.
The current version of the SDMMC supports only one SD/SDIO/eMMC card at any one time and a stack of
eMMC.
Table 18. SDMMC features
SDMMC modes/features
SDMMC1
Variable delay (SDR104, HS200)
X
SDMMC_CKIN
X
SDMMC_CDIR, SDMMC_D0DIR
X
SDMMC_D123DIR
X
1. X = supported.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 50/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com