Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 12Page - STMicroelectronics STM32U375CE Datasheet HTML 13Page - STMicroelectronics STM32U375CE Datasheet HTML 14Page - STMicroelectronics STM32U375CE Datasheet HTML 15Page - STMicroelectronics STM32U375CE Datasheet HTML 16Page - STMicroelectronics STM32U375CE Datasheet HTML 17Page - STMicroelectronics STM32U375CE Datasheet HTML 18Page - STMicroelectronics STM32U375CE Datasheet HTML 19Page - STMicroelectronics STM32U375CE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 222 page
background image
•
External memories:
–
OCTOSPI does not support any TrustZone® protection.
•
Peripherals
–
Securable peripherals are nonsecure after reset.
–
TrustZone®-aware peripherals are nonsecure after reset. Their secure configuration registers are
secure.
•
All GPIOs are secure after reset.
•
Interrupts:
–
NVIC: All interrupts are secure after reset. NVIC is banked for secure and nonsecure state.
–
TZIC: All illegal access interrupts are disabled after reset.
3.8
Power supply management
The PWR (power controller) main features are:
•
Power supplies and supply domains
–
Core domain (VCORE)
–
VDD domain
–
Backup domain (VBAT)
–
Analog domain (VDDA)
–
SMPS power stage (VDDSMPS, available only on SMPS packages)
–
VDDIO2 domain
–
VDDUSB for USB transceiver
•
System supply voltage regulation
–
SMPS step-down converter
–
Voltage regulator (LDO)
•
Power supply supervision
–
BOR monitor
–
PVD monitor
–
PVM monitor (VDDA, VDDUSB, VDDIO2)
•
Power management
–
Operating modes
–
Voltage scaling control
–
Low-power modes
•
VBAT battery charging
•
TrustZone® security and privileged protection
3.8.1
Power supply schemes
The devices require a 1.71 V to 3.6 V VDD operating voltage supply. Several independent supplies can be
provided for specific peripherals. Those supplies must not be provided without a valid operating supply on the
VDD pin:
•
VDD = 1.71 V to 3.6 V (functionality guaranteed down to VBORx min value)
VDD is the external power supply for the I/Os, the internal regulator and the system analog such as reset, power
management and internal clocks. It is provided externally through the VDD pins.
•
VDDA = 1.58 V (COMPs) / 1.6 V (DACs, OPAMPs) / 1.62 V (ADCs) / 1.8 V (VREFBUF) to 3.6 V
VDDA is the external analog power supply for ADCs, DACs, voltage reference buffer, operational amplifiers, and
comparators. The VDDA voltage level is independent from the VDD voltage and must be connected to the VDD pin
when these peripherals are not used.
•
VDDSMPS = 1.71 V to 3.6 V
STM32U375xx
Functional overview
DS14861 - Rev 2
page 16/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com