Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 28Page - STMicroelectronics STM32U375CE Datasheet HTML 29Page - STMicroelectronics STM32U375CE Datasheet HTML 30Page - STMicroelectronics STM32U375CE Datasheet HTML 31Page - STMicroelectronics STM32U375CE Datasheet HTML 32Page - STMicroelectronics STM32U375CE Datasheet HTML 33Page - STMicroelectronics STM32U375CE Datasheet HTML 34Page - STMicroelectronics STM32U375CE Datasheet HTML 35Page - STMicroelectronics STM32U375CE Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 222 page
background image
•
Input clock frequency ranging from 25 MHz to the maximum frequency supported by the communication
interface (see datasheet)
•
Up to 12 oversampling phases
3.20
Analog-to-digital converter (ADC)
The STM32U375xx devices embed up to 2 ADCs, ADC1 and ADC2. These are tightly coupled and can operate in
dual mode (ADC1 is master). Each ADC module consists of one 12-bit successive approximation analog-to-digital
converter. Each ADC has up to 19 multiplexed channels. A/D conversion of the various channels can be
performed in single, continuous, scan, or discontinuous mode. The result of the ADC is stored in a left-aligned or
right-aligned (default configuration) 32-bit data register.
The ADCs are mapped on the AHB bus to allow fast data handling.
The analog watchdog features allow the application to detect if the input voltage goes outside the user-defined
high or low thresholds.
A built-in hardware oversampler allows improving analog performances while off-loading the related
computational burden from the CPU.
An efficient low-power mode is implemented to allow very low consumption at low frequency. The main features
are:
•
High performance
–
Up to 2 ADCs which can operate in dual mode
–
ADC1 is connected to 15 external channels + 4 internal channels
–
ADC2 is connected to 13 external channels + 6 internal channels
•
12, 10, 8 or 6-bit configurable resolution
•
ADC conversion time is independent from the AHB bus clock frequency
•
Faster conversion time by lowering resolution
•
AHB slave bus interface to allow fast data handling
•
Offset calibration support
•
Channel-wise programmable sampling time
•
Flexible sampling time control
•
Up to 4 injected channels (analog inputs assignment to regular or injected channels is fully configurable)
•
Hardware assistant to prepare the context of the injected channels to allow fast context switching
•
Data alignment with in-built data coherency
•
Data can be managed by DMA for regular channel conversions
•
Data can be routed to MDF for post processing
•
Four dedicated data registers for the injected channels
•
Low-power
–
Speed adaptive low-power mode to reduce ADC consumption when operating at low frequency
–
Provides automatic control to avoid ADC overrun in low AHB bus clock frequency application
(autodelay mode)
–
Allows slow bus frequency application while keeping optimum ADC performance
•
Oversampler
–
32-bit data register
–
Oversampling ratio adjustable from 2 to 1024
–
Programmable data right shift
•
Data preconditioning
–
Gain compensation
–
Offset compensation
STM32U375xx
Functional overview
DS14861 - Rev 2
page 32/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com