Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 86Page - STMicroelectronics STM32U375CE Datasheet HTML 87Page - STMicroelectronics STM32U375CE Datasheet HTML 88Page - STMicroelectronics STM32U375CE Datasheet HTML 89Page - STMicroelectronics STM32U375CE Datasheet HTML 90Page - STMicroelectronics STM32U375CE Datasheet HTML 91Page - STMicroelectronics STM32U375CE Datasheet HTML 92Page - STMicroelectronics STM32U375CE Datasheet HTML 93Page - STMicroelectronics STM32U375CE Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 222 page
background image
5.3
Operating conditions
5.3.1
General operating conditions
Table 27. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Standard
operating
voltage
HSLV(1) = 0
1.71(2)
-
3.6
V
HSLV = 1
1.71(2)
-
2.7
VDDSMPS
Supply voltage
for the internal
SMPS
step
‑down
converter
-
VDD
VDDIO2
Supply voltage
for PG[15:2]
I/Os
At least one I/O in PG[15:2] used,
HSLV = 0
1.08
-
3.6
At least one I/O in PG[15:2] used,
HSLV = 1
2.7
PG[15:2] not used
0
3.6
VDDUSB
USB supply
voltage
USB used
3.0
-
3.6
USB not used
0
VDDA
Analog supply
voltage
COMP used
1.58
-
3.6
DAC or OPAMP used
1.60
-
ADC used
1.62
-
VREFBUF used (normal mode)
1.80
-
ADC, DAC, COMP, OPAMP, and
VREFBUF not used
1.58
-
VBAT
Backup domain
supply voltage
-
1.65(3)
-
3.6
VIN
I/O input
voltage
All I/Os except TT_xx pins
-0.3
-
Min(min(VDD, VDDA,
VDDUSB,
VDDIO2) + 3.6, 5.5)(4)
(5)
PC13
VSS -0.3
Min (min) VDD, VSW)
+ 3.6 V, 5.5 V)
Input voltage on FT_t and FT_o pins in
VBAT mode
-0.3
3.6
TT_xx I/Os
-0.3
VDDIOx + 0.3
IIO_SW
Sum of output
current sourced
by all I/Os
powered by
VSW(6)
-
-
3
mA
VCORE
Internal
regulator ON
Range 1
0.8
0.9
1.0
V
Range 2
0.65
0.75
0.85
fHCLK
AHB clock
frequency
Range 1
-
-
96
MHz
Range 2
48
fPCLKx
(x = 1, 2, 3)
APB1, APB2,
APB3 clock
frequency
Range 1
-
-
96
Range 2
48
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 90/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com