Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 34Page - STMicroelectronics STM32U375CE Datasheet HTML 35Page - STMicroelectronics STM32U375CE Datasheet HTML 36Page - STMicroelectronics STM32U375CE Datasheet HTML 37Page - STMicroelectronics STM32U375CE Datasheet HTML 38Page - STMicroelectronics STM32U375CE Datasheet HTML 39Page - STMicroelectronics STM32U375CE Datasheet HTML 40Page - STMicroelectronics STM32U375CE Datasheet HTML 41Page - STMicroelectronics STM32U375CE Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 222 page
background image
•
Single 32-bit, write-only, input register associated to an internal input FIFO, corresponding to a 64-byte
block size (16 x 32 bits)
•
AHB slave peripheral, accessible by 32-bit words only (else an AHB error is generated)
•
8 x 32-bit words (H0 to H7) for output messages
•
Automatic data flow control with support of direct memory access (DMA) using one channel. Single or fixed
burst of 4 supported.
•
Interruptible message digest computation, on a per-32-bit word basis
–
Reloadable digest registers
–
Hashing computation suspend/resume mechanism, including DMA
3.29
Public key accelerator (PKA)
The PKA (public key accelerator) can verify ECDSA signatures, with all needed computation performed within the
accelerator. Application CPU is only needed to manage the inputs and the outputs of the operation.
The PKA main features are:
•
ECDSA signature verification
•
Capability to handle operands up to 640 bits
•
AMBA® AHB slave peripheral, accessible through 32-bit word single accesses only (otherwise an AHB bus
error is generated, and write accesses are ignored)
3.30
Timers and watchdogs
The devices include an advanced control timer, up to six general-purpose timers, two basic timers, up to four low-
power timers, two watchdog timers and two SysTick timers.
The table below compares the features of the advanced control, general-purpose and basic timers.
Table 12. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1
16 bits
Up, down,
Up/down
Any integer between 1
and 65536
Yes
6
4
General-
purpose
TIM2, TIM3,
TIM4
32 bits
Up, down,
Up/down
Any integer between 1
and 65536
Yes
4
No
General-
purpose
TIM15
16 bits
Up
Any integer between 1
and 65536
Yes
2
1
General-
purpose
TIM16,
TIM17
16 bits
Up
Any integer between 1
and 65536
Yes
1
1
Basic
TIM6, TIM7
16 bits
Up
Any integer between 1
and 65536
Yes
0
No
Low-power
LPTIM1,
LPTIM2,
LPTIM3,
LPTIM4
16 bits
Up
1, 2, 4, 8, 16, 32, 64, or
128
Yes
2(1)
No
1. LPTIM4 has no capture/compare channel.
3.30.1
Advanced-control timers (TIM1)
The advanced-control timers can each be seen as a three-phase PWM multiplexed on six channels. They have
complementary PWM outputs with programmable inserted deadtimes. They can also be seen as complete
general-purpose timers.
The four independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability (0 - 100%)
STM32U375xx
Functional overview
DS14861 - Rev 2
page 38/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com