Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 89Page - STMicroelectronics STM32U375CE Datasheet HTML 90Page - STMicroelectronics STM32U375CE Datasheet HTML 91Page - STMicroelectronics STM32U375CE Datasheet HTML 92Page - STMicroelectronics STM32U375CE Datasheet HTML 93Page - STMicroelectronics STM32U375CE Datasheet HTML 94Page - STMicroelectronics STM32U375CE Datasheet HTML 95Page - STMicroelectronics STM32U375CE Datasheet HTML 96Page - STMicroelectronics STM32U375CE Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 222 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vhyst_BOR_PVD
Hysteresis voltage of
BOR (unless BOR0)
and PVD
mV
-
-
-
83
-
tBOR0_sampling BOR0 sampling period ULPMEN = 1
-
-
30
55
ms
IDD_BOR0
additional BOR0
consumption if
ULPMEN = 0 versus
ULPMEN = 1
Standby mode
-
-
60
-
nA
IDD_BOR_PVD(1)
BOR(2) (unless BOR0)
and PVD consumption
from VDD(3)
-
-
-
1
1.5
µA
VBOR_VBAT(1)
VBAT brownout reset threshold
-
1.58
-
1.65
V
tBOR_VBAT_sam
pling
VBAT BOR sampling
period in VBAT mode
MONEN=0
-
-
0.5
2.5
s
VAVM1
VDDA voltage monitor 1
threshold
Rising edge
-
1.62
1.67
1.71
V
Falling edge
-
1.59
1.63
1.67
VAVM2
VDDA voltage monitor 2
threshold
Rising edge
-
1.80
1.85
1.89
Falling edge
-
1.76
1.81
1.85
VIO2VM
VDDIO2 voltage monitor
threshold
-
-
0.98
1.01
1.03
VUVM
VDDUSB voltage
monitor threshold
-
-
1.18
1.21
1.24
-
Vhyst_AVM
Hysteresis of VDDA
voltage monitor
-
-
-
40
-
mV
IDD_VM(1)
Voltage monitor
consumption from VDD
(AVM1, AVM2, IO2VM,
or UVM single
instance)
-
-
-
0.4
0.6
µA
IDD_AVM_A(1)
VDDA voltage monitor
consumption from
VDDA (Resistor bridge)
-
-
-
1.25
1.85
1. Specified by design. Not tested in production.
2. BOR0 is enabled in all modes (except Shutdown) and its consumption is therefore included in the supply current characteristics tables (refer
to Section 5.3.6: Supply current characteristics).
3. This is also the consumption saved in Standby mode when ULPMEN = 1
5.3.4
SMPS characteristics
SMPS is asynchronous in all ranges and in low-power modes.
5.3.5
Embedded voltage reference
The parameters given in Table 30. Embedded internal voltage reference are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 1.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 93/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com