Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 91Page - STMicroelectronics STM32U375CE Datasheet HTML 92Page - STMicroelectronics STM32U375CE Datasheet HTML 93Page - STMicroelectronics STM32U375CE Datasheet HTML 94Page - STMicroelectronics STM32U375CE Datasheet HTML 95Page - STMicroelectronics STM32U375CE Datasheet HTML 96Page - STMicroelectronics STM32U375CE Datasheet HTML 97Page - STMicroelectronics STM32U375CE Datasheet HTML 98Page - STMicroelectronics STM32U375CE Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 222 page
background image
5.3.6
Supply current characteristics
The current consumption is a function of several parameters and factors such as the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The current consumption is measured as described in Section 5.1.7: Current consumption measurement.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode.
•
All peripherals are disabled except when explicitly mentioned.
•
The flash memory access time is adjusted with the minimum wait-state number, depending on the fHCLK
frequency (refer to the tables Number of wait states according to CPU clock (HCLK) frequency available in
the product reference manual).
•
When the peripherals are enabled, fPCLK = fHCLK.
•
The voltage scaling range is adjusted to fHCLK frequency as follows:
–
Voltage range 1: Up to 96 MHz
–
Voltage range 2: Up to 48 MHz
The parameters given in the tables below are derived from tests performed under ambient temperature and
supply voltage conditions summarized in Table 27. General operating conditions .
Table 31. Current consumption in Run mode on LDO, Coremark code with data processing running from flash memory,
ICACHE ON in 1-way, prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ
Max at 1.71 V ≤ VDD ≤
3.6 V(1)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°C
85°C 105°C 30°C 55°C 85°C 105°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI, all
peripherals disable,
flash memory bank 2
in powered down, all
SRAMs enabled
Range
1
96
4.60
5.00
6.15
7.80
6.0
7.1
11
17
mA
Range
2
48
2.05
2.40
3.35
4.75
3.0
3.8
6.7
11
24
1.15
1.45
2.45
3.85
2.0
2.8
5.7
10
12
0.68
1.00
2.00
3.40
1.5
2.3
5.2
9.5
6
0.45
0.79
1.75
3.15
1.2
2.1
4.9
9.2
3
0.34
0.68
1.65
3.05
1.1
1.9
4.8
9.1
fHCLK = fHSI, all
peripherals disable,
flash memory bank 2
in powered down, all
SRAMs enabled
Range
2
16
0.995
1.35
2.3
3.7
1.8
2.7
5.5
9.8
fHCLK = fHSE bypass
mode, all peripherals
disable, flash memory
bank 2 in powered
down, all SRAMs
enabled
Range
1
96
4.85
5.25
6.4
8.1
6.3
7.4
11
17
Range
2
48
2.2
2.55
3.5
4.9
3.1
4.0
6.8
12
32
1.55
1.9
2.85
4.3
2.4
3.3
6.1
11
24
1.2
1.55
2.55
3.95
2.0
2.9
5.8
11
12
0.755
1.1
2.05
3.45
1.6
2.4
5.2
9.5
6
0.51
0.845
1.8
3.2
1.3
2.1
5.0
9.3
3
0.385
0.725
1.7
3.1
1.1
2.0
4.9
9.2
1
0.305
0.645
1.6
3
1.1
1.9
4.8
9
0.4
0.28
0.62
1.6
3
1.0
1.9
4.8
9
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 95/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com