Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 95Page - STMicroelectronics STM32U375CE Datasheet HTML 96Page - STMicroelectronics STM32U375CE Datasheet HTML 97Page - STMicroelectronics STM32U375CE Datasheet HTML 98Page - STMicroelectronics STM32U375CE Datasheet HTML 99Page - STMicroelectronics STM32U375CE Datasheet HTML 100Page - STMicroelectronics STM32U375CE Datasheet HTML 101Page - STMicroelectronics STM32U375CE Datasheet HTML 102Page - STMicroelectronics STM32U375CE Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 222 page
background image
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD (Run)
Supply
current in
Run mode
fHCLK = fMSI = 96 MHz,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 1
Reduced
code
2.65
1.75
1.65
mA
27.6
18.2
17.2
µA/
MHz
Coremark
2.50
1.65
1.55
26.04
17.2
16.1
SecureMark
2.75
1.80
1.70
28.6
18.8
17.7
Dhrystone
2.1
2.85
1.85
1.75
29.7
19.3
18.2
While(1)
1.90
1.25
1.2
19.8
13
12.5
Fibonacci
2.20
1.45
1.35
22.9
15.1
14.1
fHCLK = fMSI = 24 MHz,e
POD booster disabled,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 2
Reduced
code
0.59
0.40
0.38
mA
24.6
16.5
15.6
µA/
MHz
Coremark
0.57
0.38
0.36
23.5
15.8
14.8
SecureMark
0.61
0.41
0.39
25.4
17.1
16.04
Dhrystone
2.1
0.64
0.43
0.4
26.5
17.7
16.7
While(1)
0.43
0.29
0.28
17.7
12.1
11.5
Fibonacci
0.50
0.34
0.32
20.6
13.96 13.1
Table 37. Typical current consumption in Run modes on SMPS, with different codes running from flash memory in low-
power mode, ICACHE1 way, prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V 3 V 3.3 V
1.8 V 3 V 3.3 V
IDD (Run)
Supply
current in Run
mode
fHCLK = fMSI = 24 MHz, ePOD
booster disabled, all peripherals
disable,flash bank 2 in power
down, SRAM2 enabled, SRAM1 in
power down
Range
2
Reduced
Code
0.56 0.37 0.35
mA
23.3 15.4 14.4
µA/M
Hz
Coremark
0.54 0.35 0.33
22.3 14.6 13.8
SecureMark
0.58 0.38 0.36
24.2 15.8
15
Dhrystone
2.1
0.61 0.40 0.38
25.2 16.7 15.6
While(1)
0.40 0.26 0.25
16.7 10.8 10.2
Fibonacci
0.47 0.31 0.29
19.4 12.7 11.9
Table 38. Current consumption in Sleep mode on LDO, flash memory in power down
Symbol Parameter
Conditions
Typ
Max at 1.71 V ≤ VDD 3.6 V(1)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Sleep)
Supply
current in
Sleep
mode
fHCLK = fMSI, all
peripherals disable, all
SRAMs enabled
Range 1
96
1.5
1.9
3.1
4.7
2.5
3.6
7.3
13.0
mA
Range 2
48
0.71
1.05
2
3.4
1.5
2.3
5.2
9.4
24
0.44
0.78
1.75
3.15
1.2
2.0
4.9
9.1
12
0.33
0.66
1.65
3
0.99
1.9
4.8
9.0
6
0.27
0.6
1.55
2.95
0.92
1.8
4.7
8.9
3
0.24
0.57
1.55
2.95
0.89
1.8
4.7
8.9
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 99/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com