Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 98Page - STMicroelectronics STM32U375CE Datasheet HTML 99Page - STMicroelectronics STM32U375CE Datasheet HTML 100Page - STMicroelectronics STM32U375CE Datasheet HTML 101Page - STMicroelectronics STM32U375CE Datasheet HTML 102Page - STMicroelectronics STM32U375CE Datasheet HTML 103Page - STMicroelectronics STM32U375CE Datasheet HTML 104Page - STMicroelectronics STM32U375CE Datasheet HTML 105Page - STMicroelectronics STM32U375CE Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 222 page
background image
Symbol
Parameter
Voltage
scaling
fHCLK
(MHz)
Typ
Max
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(SRAM2)
SMPS
VDD = 3.0
V
SRAM2 supply
current in Run/
Sleep mode
(SRAM2PD = 1
vs.
SRAM2PD = 0)
Range 2
24
0.01
0.02
0.05
0.11
0.03
0.06
0.16
0.32
mA
48
0.01
0.02
0.05
0.10
0.03
0.06
0.16
0.30
Range 1
96
0.01
0.02
0.05
0.11
0.03
0.06
0.17
0.33
IDD
(SRAM1)
SMPS(1)
SRAM1 supply
current in Run/
Sleep mode
(SRAM1PD = 1
vs.
SRAM1PD = 0)
Range 2
24
0.03
0.08
0.23
0.44
0.12
0.25
0.72
1.40
mA
48
0.03
0.08
0.23
0.44
0.12
0.26
0.72
1.40
Range 1
96
0.03
0.08
0.23
0.46
0.13
0.27
0.74
1.50
IDD
(SRAM2)
SRAM2 supply
current in Run/
Sleep mode
(SRAM2PD = 1
vs.
SRAM2PD = 0)(1)
Range 2
24
0.01
0.03
0.09
0.18
0.05
0.10
0.28
0.56
mA
48
0.01
0.03
0.09
0.17
0.05
0.10
0.28
0.53
Range 1
96
0.01
0.03
0.09
0.18
0.05
0.11
0.29
0.58
1. The typical value is measured at VDD = 1.8 V. The maximum value is for 1.71 V ≤ VDD ≤ 3.6 V and is at VDD = 1.71 V in Run/Sleep mode
on SMPS.
Table 42. Flash banks static power consumption, when supplied by LDO/SMPS
Symbol
Parameter
Typ
Max
Unit
25°C 55°C 85°C 105°C 30°C 55°C 85°C 105°C
IDD (Flash_Bank1)(1)
Flash bank 1 static consumption in
normal mode (PD1 = 1 vs. PD1 = 0)
18
19
21
25
25
26
29
35
µA
IDD (Flash_Bank2)(1)
Flash bank 2 static consumption in
normal mode (PD2 = 1 vs. PD2 = 0)
18
18
20
23
25
25
28
32
IDD (Flash_Bank_LPM)(2)
One Flash bank additional static
consumption in normal mode
versus low-power mode (LPM = 0
vs. LPM = 1)
10
11
11
15
14
15
15
21
1. When flash memory is in power down in Sleep mode (SLEEP_PD=1), Bank 1 and Bank 2 are in power down.
2. If no bank is in power-down, the flash memory additional static consumption in normal mode versus low-power mode is 2 x
IDD(Flash_Bank_LPM)
Table 43. Current consumption in Stop 0 mode on SMPS
Symbol Parameter
Conditions
Typ
Max(1)
Unit
VDD
25°C 55°C 85°C 105°C 30°C 55°C 85°C 105°C
IDD
(Stop 0)
Supply current in Stop 0 mode,
regulator in Range 2, RTC disabled, 8
KB SRAM2 + ICACHE retained
1.8
81.5
220
615
1200
300
660 1900 3600
µA
2.4
68
175
480
910
250
530 1500 2800
3
60.5
150
400
760
220
450 1200 2300
3.3
59
140
375
710
220
420 1200 2200
3.6
57
135
355
670
210
410 1100 2100
Supply current in Stop 0 mode,
regulator in Range 2, RTC disabled, all
SRAMs retained
1.8
89
235
645
1250
330
710 2000 3800
2.4
75
185
510
970
270
560 1600 3000
3
68
160
430
820
250
480 1300 2500
3.3
66
155
405
770
240
470 1300 2400
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 102/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com