Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 1 Page - STMicroelectronics

  STM32U375CE Datasheet HTML 1Page - STMicroelectronics STM32U375CE Datasheet HTML 2Page - STMicroelectronics STM32U375CE Datasheet HTML 3Page - STMicroelectronics STM32U375CE Datasheet HTML 4Page - STMicroelectronics STM32U375CE Datasheet HTML 5Page - STMicroelectronics STM32U375CE Datasheet HTML 6Page - STMicroelectronics STM32U375CE Datasheet HTML 7Page - STMicroelectronics STM32U375CE Datasheet HTML 8Page - STMicroelectronics STM32U375CE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 222 page
background image
Features
Includes ST state-of-the-art patented technology.
Ultra-low-power
•
1.71 V to 3.6 V power supply
•
-40 °C to +105 °C temperature range
•
VBAT mode: supply for RTC, 32 x 32-bit backup registers
•
1.6 μA Stop 3 mode with 8-Kbyte SRAM
•
2.2 μA Stop 3 mode with full SRAM
•
3.8 μA Stop 2 mode with 8-Kbyte SRAM
•
4.5 μA Stop 2 mode with full SRAM
•
9.5 μA/MHz Run mode @ 3.3 V (While(1) SMPS step-down converter mode)
•
13 μA/MHz Run mode @ 3.3 V/48 MHz (CoreMark® SMPS step-down
converter mode)
•
16 μA/MHz Run mode @ 3.3 V/96 MHz (CoreMark® SMPS step-down
converter mode)
•
Brownout reset (BOR) in all modes except shutdown
Arm® 32-bit Cortex®-M33 CPU with TrustZone® and FPU
ART Accelerator
•
8-Kbyte instruction cache allowing 0-wait-state execution from flash and
external memories: frequency up to 96 MHz, MPU, 144 DMIPS and DSP
instructions
Power management
•
Embedded regulator (LDO) and SMPS step-down converter supporting switch
on-the-fly and voltage scaling
Benchmarks
•
1.5 DMIPS/MHz (Dhrystone 2.1)
•
387 CoreMark®(4.09 CoreMark®/MHz)
•
500 ULPMark™-CP
•
117 ULPMark™-CM
•
202000 SecureMark™-TLS
Memories
•
up to 1-Mbyte flash memory with ECC, 2 banks read-while-write
•
256 Kbytes of SRAM including 64 Kbytes with hardware parity check
•
OCTOSPI external memory interface supporting SRAM, PSRAM, NOR,
NAND, and FRAM memories
Security
•
Arm® TrustZone® and securable I/Os, memories, and peripherals
LQFP48 (7 × 7 mm)
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
UFBGA64 (5 × 5 mm)
UFBGA100 (7 × 7 mm)
FBGA
UFQFPN32 (5 x 5 mm)
UFQFPN48 (7 x 7 mm)
WLCSP52, WLCSP68
(3.17 x 3.11 mm)
Product summary
STM32U375xx
STM32U375CE,
STM32U375CG,
STM32U375KE,
STM32U375KG,
STM32U375RE,
STM32U375RG,
STM32U375VE,
STM32U375VG
Product label
Ultra-low-power Arm® Cortex®-M33 32-bit MCU+TrustZone®+FPU, 144 DMIPS,
1 MB flash memory, 256 KB SRAM, SMPS
STM32U375xx
Datasheet
DS14861 - Rev 2 - February 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32U375CE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U385CG STMICROELECTRONICS-STM32U385CG Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6GTR STMICROELECTRONICS-STM32U385CGI6GTR Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6GXXX STMICROELECTRONICS-STM32U385CGI6GXXX Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6QTR STMICROELECTRONICS-STM32U385CGI6QTR Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6QXXX STMICROELECTRONICS-STM32U385CGI6QXXX Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
More results

Similar Description - STM32U375CE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L552CC STMICROELECTRONICS-STM32L552CC_V01 Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
October 2020 Rev 6
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com