Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 16Page - STMicroelectronics STM32U375CE Datasheet HTML 17Page - STMicroelectronics STM32U375CE Datasheet HTML 18Page - STMicroelectronics STM32U375CE Datasheet HTML 19Page - STMicroelectronics STM32U375CE Datasheet HTML 20Page - STMicroelectronics STM32U375CE Datasheet HTML 21Page - STMicroelectronics STM32U375CE Datasheet HTML 22Page - STMicroelectronics STM32U375CE Datasheet HTML 23Page - STMicroelectronics STM32U375CE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 222 page
background image
Figure 4. Power-up/down sequence
0.3
1
VPDR
3.6
Operating mode
Power-on
Power-down
time
V
VDDX(1)
VDD
Invalid supply area
VDDX < VDD + 300 mV
VDDX independent from VDD
VPOR
1. VDDX refers to any power supply among VDDA, VDDUSB, and VDDIO2.
3.8.2
Power supply supervisor
The device has an integrated brownout reset (BOR) circuitry. The BOR is active in all power modes (except
for Shutdown mode), and cannot be disabled.
During power-on, the BOR keeps the device under reset until the supply voltage VDD reaches the specified
VBORx threshold. When VDD drops below the selected threshold, a device reset is generated. When VDD is
above the VBORx upper limit, the device reset is released and the system can start.
Five BOR thresholds can be selected through option bytes. BOR0 provides the always enabled power-on/
powerdown functionality, independent from any other higher BOR level selection.
The devices feature an embedded programmable voltage detector (PVD) that monitors the VDD power supply and
compares it to the VPVD threshold. An interrupt can be generated when VDD drops below and/or rises above the
VPVD threshold. The interrupt service routine can then generate a warning message and/or put the MCU into a
safe state. The PVD is enabled by software.
In addition, the devices embed a peripheral voltage monitor that compares the independent supply voltages VDDA,
VDDUSB, and VDDIO2 to ensure that the peripheral is in its functional supply range.
The devices support dynamic voltage scaling. The dynamic voltage scaling is a power management technique
that consists in increasing or decreasing the voltage used for the digital peripherals (VCORE), according to the
application performance and power consumption needs.
The regulator operates in the following ranges:
•
Range 1 (VCORE = 0.9 V) with CPU and peripherals running at up to 96 MHz
•
Range 2 (VCORE = 0.75 V) with CPU and peripherals running at up to 48 MHz
3.8.3
Reset mode
In order to improve the consumption under reset, the I/O state under and after reset is "analog state" (the I/O
Schmitt trigger is disabled). In addition, when the reset source is internal (not coming from the NRST pin), the
built-in pull-up resistor on the NRST pin is deactivated.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 20/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com