Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 88Page - STMicroelectronics STM32U375CE Datasheet HTML 89Page - STMicroelectronics STM32U375CE Datasheet HTML 90Page - STMicroelectronics STM32U375CE Datasheet HTML 91Page - STMicroelectronics STM32U375CE Datasheet HTML 92Page - STMicroelectronics STM32U375CE Datasheet HTML 93Page - STMicroelectronics STM32U375CE Datasheet HTML 94Page - STMicroelectronics STM32U375CE Datasheet HTML 95Page - STMicroelectronics STM32U375CE Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 222 page
background image
Table 28. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise
‑time rate
-
0
∞
µs/V
VDD fall
‑time rate
ULPMEN = 0
20
∞
Standby mode, BOR level 0 selected with ULPMEN = 1
250
∞
ms/V
5.3.3
Embedded reset and power control block characteristics
The parameters given in the table below are derived from tests performed under the ambient temperature
conditions summarized in Table 27.
Table 29. Embedded reset and power control block characteristics
The values in this table are evaluated by characterization and not tested in production, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(1)
Reset temporization
after BOR0 released
VDD rising
-
-
-
900
µs
VBOR0
Brownout reset
threshold 0
Rising edge
-
1.63
1.65
1.67
V
Falling edge
Range 1
1.62
1.63
1.65
Range 2 and
low-power
modes
1.61
1.63
1.65
VBOR1
Brownout reset
threshold 1
Rising edge
-
2.07
2.09
2.11
Falling edge
-
2.00
2.02
2.04
VBOR2
Brownout reset
threshold 2
Rising edge
-
2.28
2.30
2.32
Falling edge
-
2.17
2.20
2.23
VBOR3
Brownout reset
threshold 3
Rising edge
-
2.57
2.60
2.63
Falling edge
-
2.48
2.51
2.54
VBOR4
Brownout reset
threshold 4
Rising edge
-
2.86
2.89
2.92
Falling edge
-
2.77
2.80
2.83
VPVD0
Programmable voltage
detector threshold 0
Rising edge
-
2.12
2.14
2.16
Falling edge
-
2.02
2.04
2.06
VPVD1
Programmable voltage
detector threshold 1
Rising edge
-
2.27
2.30
2.32
Falling edge
-
2.17
2.20
2.23
VPVD2
Programmable voltage
detector threshold 2
Rising edge
-
2.43
2.45
2.48
Falling edge
-
2.32
2.35
2.37
VPVD3
Programmable voltage
detector threshold 3
Rising edge
-
2.57
2.60
2.63
Falling edge
-
2.48
2.51
2.54
VPVD4
Programmable voltage
detector threshold 4
Rising edge
-
2.70
2.73
2.76
Falling edge
-
2.60
2.63
2.66
VPVD5
Programmable voltage
detector threshold 5
Rising edge
-
2.86
2.89
2.92
Falling edge
-
2.76
2.80
2.83
VPVD6
Programmable voltage
detector threshold 6
Rising edge
-
2.94
2.97
3.00
Falling edge
-
2.85
2.89
2.92
Vhyst_BOR0
Hysteresis voltage of
BOR0
-
-
-
19
-
mV
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 92/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com