Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 96Page - STMicroelectronics STM32U375CE Datasheet HTML 97Page - STMicroelectronics STM32U375CE Datasheet HTML 98Page - STMicroelectronics STM32U375CE Datasheet HTML 99Page - STMicroelectronics STM32U375CE Datasheet HTML 100Page - STMicroelectronics STM32U375CE Datasheet HTML 101Page - STMicroelectronics STM32U375CE Datasheet HTML 102Page - STMicroelectronics STM32U375CE Datasheet HTML 103Page - STMicroelectronics STM32U375CE Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 222 page
background image
Symbol Parameter
Conditions
Typ
Max at 1.71 V ≤ VDD 3.6 V(1)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Sleep)
Supply
current in
Sleep
mode
fHCLK = fHSI, all
peripherals disable, all
SRAMs enabled
mA
Range 2
16
0.53
0.87
1.85
3.25
1.3
2.1
5.0
9.2
fHCLK = fHSE bypass
mode, all peripherals
disable, all SRAMs
enabled
Range 1
96
1.75
2.2
3.35
5
2.8
3.9
7.7
13
Range 2
48
0.84
1.2
2.15
3.55
1.6
2.5
5.4
9.6
32
0.66
0.99
1.95
3.35
1.4
2.3
5.1
9.3
24
0.54
0.87
1.85
3.25
1.3
2.1
5.0
9.2
12
0.40
0.73
1.7
3.1
1.1
2.0
4.9
9.1
6
0.32
0.66
1.6
3
0.98
1.9
4.8
9
3
0.29
0.62
1.6
3
0.94
1.8
4.8
9
1
0.26
0.6
1.55
2.95
0.92
1.8
4.7
8.9
0.4
0.25
0.59
1.55
2.95
0.91
1.8
4.7
8.9
0.1
0.25
0.59
1.55
2.95
0.91
1.8
4.7
8.9
1. Evaluated by characterization. Not tested in production.
Table 39. Current consumption in Sleep mode on SMPS, flash memory in power down
Symbol Parameter
Conditions
Typ at VDD = 1.8 V
Max at 1.71 V ≤ VDD 3.6 V(1)(2)
Unit
Voltage scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Sleep)
Supply
current in
Sleep
mode
fHCLK = fMSI, all
peripherals
disable, all
SRAMs enabled
Range 1
96
0.87
1.10
1.80
2.75
1.50
2.30
4.80
8.30
mA
Range 2
48
0.36
0.54
1.05
1.85
0.72
1.30
2.90
5.40
24
0.23
0.41
0.93
1.70
0.57
1.10
2.80
5.20
12
0.17
0.35
0.88
1.65
0.50
1.00
2.70
5.20
6
0.14
0.33
0.85
1.60
0.47
0.97
2.70
5.10
3
0.13
0.31
0.83
1.60
0.45
0.95
2.70
5.10
fHCLK = fHSI, all
peripherals
disable, all
SRAMs enabled
Range 2
16
0.35
0.54
1.05
1.85
0.71
1.30
2.90
5.40
fHCLK = fHSE
bypass mode, all
peripherals
disable, all
SRAMs enabled
Range 1
96
0.98
1.20
1.90
2.85
1.70
2.40
4.60
8.00
Range 2
48
0.40
0.58
1.10
1.85
0.77
1.30
3.00
5.40
32
0.31
0.49
1.00
1.80
0.67
1.20
2.80
5.30
24
0.26
0.44
0.96
1.70
0.60
1.10
2.80
5.20
12
0.19
0.37
0.89
1.65
0.52
1.10
2.70
5.20
6
0.15
0.33
0.86
1.60
0.48
0.98
2.70
5.10
3
0.14
0.32
0.84
1.60
0.46
0.96
2.70
5.10
1
0.12
0.31
0.83
1.60
0.45
0.95
2.60
5.10
0.4
0.12
0.30
0.82
1.60
0.44
0.94
2.60
5.10
0.1
0.12
0.30
0.82
1.60
0.44
0.94
2.60
5.10
1. Evaluated by characterization. Not tested in production.
2. The maximum value is at VDD = 1.71 V in Sleep mode on SMPS..
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 100/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com