Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 99Page - STMicroelectronics STM32U375CE Datasheet HTML 100Page - STMicroelectronics STM32U375CE Datasheet HTML 101Page - STMicroelectronics STM32U375CE Datasheet HTML 102Page - STMicroelectronics STM32U375CE Datasheet HTML 103Page - STMicroelectronics STM32U375CE Datasheet HTML 104Page - STMicroelectronics STM32U375CE Datasheet HTML 105Page - STMicroelectronics STM32U375CE Datasheet HTML 106Page - STMicroelectronics STM32U375CE Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 222 page
background image
Symbol Parameter
Conditions
Typ
Max(1)
Unit
VDD
25°C 55°C 85°C 105°C 30°C 55°C 85°C 105°C
IDD
(Stop 0)
Supply current in Stop 0 mode,
regulator in Range 2, RTC disabled, all
SRAMs retained
3.6
µA
64
145
385
730
230
440 1200 2200
1. Evaluated by characterization. Not tested in production.
Table 44. Current consumption in Stop 0 mode on LDO
Symbol
Parameter
Condition
s
Typ
Max(1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (Stop 0)
Supply current in Stop 0
mode, regulator in Range 2,
RTC disabled, 8 KB
SRAM2 + ICACHE retained
1.8
165
455
1250
2400
600
1400
3800
7200
µA
2.4
165
455
1250
2400
600
1400
3800
7200
3
165
455
1250
2400
600
1400
3800
7200
3.3
165
455
1250
2450
600
1400
3800
7400
3.6
165
455
1250
2450
600
1400
3800
7400
Supply current in Stop 0
mode, regulator in Range 2,
RTC disabled, all SRAMs
retained
1.8
175
465
1300
2450
640
1400
3900
7400
2.4
175
465
1300
2500
640
1400
3900
7500
3
175
465
1300
2500
640
1400
3900
7500
3.3
175
465
1300
2500
640
1400
3900
7500
3.6
175
465
1300
2500
640
1400
3900
7500
1. Evaluated by characterization. Not tested in production.
Table 45. Current consumption in Stop 1 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 1)
Supply current in
Stop 1 mode, RTC
disabled, 8 KB
SRAM2 + ICACHE
retained
1.8
145
430
1250
2400
530
1300
3800
7200
µA
2.4
145
435
1250
2450
530
1400
3800
7400
3
145
435
1250
2450
530
1400
3800
7400
3.3
145
435
1250
2450
530
1400
3800
7400
3.6
145
435
1250
2450
530
1400
3800
7400
Supply current in
Stop 1 mode, RTC
disabled, all SRAMs
retained
1.8
150
445
1300
2500
550
1400
3900
7500
2.4
150
445
1300
2500
550
1400
3900
7500
3
150
445
1300
2500
550
1400
3900
7500
3.3
150
445
1300
2500
550
1400
3900
7500
3.6
150
450
1300
2500
550
1400
3900
7500
IDD
(Stop 1
with
RTC)
Supply current in
Stop 1 mode, RTC(1)
clocked by LSI 32
kHz, 8 KB
SRAM2 + ICACHE
retained
1.8
145
430
1250
2400
530
1300
3800
7200
2.4
145
435
1250
2450
530
1400
3800
7400
3
145
435
1250
2450
530
1400
3800
7400
3.3
145
435
1250
2450
530
1400
3800
7400
3.6
145
435
1250
2450
530
1400
3800
7400
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 103/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com