Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 72Page - STMicroelectronics STM32U375CE Datasheet HTML 73Page - STMicroelectronics STM32U375CE Datasheet HTML 74Page - STMicroelectronics STM32U375CE Datasheet HTML 75Page - STMicroelectronics STM32U375CE Datasheet HTML 76Page - STMicroelectronics STM32U375CE Datasheet HTML 77Page - STMicroelectronics STM32U375CE Datasheet HTML 78Page - STMicroelectronics STM32U375CE Datasheet HTML 79Page - STMicroelectronics STM32U375CE Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 222 page
background image
Pin Number
Alternate functions
Additional
functions
43
E5
59
D3
C7
A7
93
A4
30
43
59
C3
93
B4
PB7
I/O
FT_fha
(7)
LPTIM1_IN2, TIM4_CH2,
I2C1_SDA(boot), USART1_RX,
UART4_CTS, TSC_G2_IO4,
OCTOSPI1_IO6, TIM17_CH1N,
EVENTOUT
COMP2_INM1,
PVD_IN, WKUP4
44
C5
60
A3
A7
B8
94
A3
-
44
60
B4
94
A4
PH3-BOOT0
(PH3)
I/O
FT_fh
-
TIM4_CH4, I3C1_SDA, I3C2_SDA,
EVENTOUT
-
45
B6
61
C3
B8
-
95
B4
-
45
61
B3
95
A3
PB8
I/O
FT_fh
-
TIM4_CH3, SAI1_CK1, I2C1_SCL,
I3C2_SCL, SPI3_RDY,
SDMMC1_CKIN, FDCAN1_RX(boot),
SDMMC1_D4, SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
WKUP5
-
A7
-
-
C9
-
96
A1
-
46
62
A3
96
B3
PB9
I/O
FT_fh
-
IR_OUT, TIM4_CH4, SAI1_D2,
I2C1_SDA, SPI2_NSS, I3C2_SDA,
SDMMC1_CDIR, FDCAN1_TX(boot),
SDMMC1_D5, SAI1_FS_A,
TIM17_CH1, EVENTOUT
-
-
-
-
-
-
-
97
A2
-
-
-
-
97
C3
PE0
I/O
FT
-
TIM4_ETR, TIM16_CH1, EVENTOUT
-
-
-
-
-
-
-
-
-
-
-
-
-
98
A2
PE1
I/O
FT
-
TIM17_CH1, EVENTOUT
-
-
-
-
-
-
-
-
-
31
-
-
-
-
-
VCAP
S
-
-
-
-
46
-
62
A2
-
-
98
C5
-
-
-
-
-
-
VDD11
S
-
-
-
-
47
C7
63
B7
D8
D8
99
D10
32
47
63
D6
99
F2
VSS
S
-
-
-
-
48
B8
64
A8
A9
A9
100
K4
1
48
64
E4
100
H3
VDD
S
-
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch (by VSW). Since the switch only sinks a limited amount of current (3 mA), the use of PC13 to PC15 GPIOs in output
mode is limited. PC13 speed must not exceed 2 MHz with a maximum load of 30 pF. Refer to FT_o electrical characteristics for PC14, PC15. These GPIOs must not be used as
current sources (for example to drive a LED).
2. After a backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function depends on the content of the RTC registers that are not reset by the system reset. For
details on how to manage these GPIOs, refer to the backup domain and RTC register descriptions in the product reference manual.
3. After reset, this pin is configured as JTAG/SWD alternate functions. The internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are activated.
4. Boot for all packages except for WLCSP68 SMPS-G package.
5. Boot only for WLCSP68 SMPS-G package.
6. Power supply is VDDIO2.
7. On the UQFN32 package the pin PB7 is internally connected to BOOT0, and therefore it is denoted as PB7-BOOT0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com