Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 39Page - STMicroelectronics STM32U375CE Datasheet HTML 40Page - STMicroelectronics STM32U375CE Datasheet HTML 41Page - STMicroelectronics STM32U375CE Datasheet HTML 42Page - STMicroelectronics STM32U375CE Datasheet HTML 43Page - STMicroelectronics STM32U375CE Datasheet HTML 44Page - STMicroelectronics STM32U375CE Datasheet HTML 45Page - STMicroelectronics STM32U375CE Datasheet HTML 46Page - STMicroelectronics STM32U375CE Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 222 page
background image
Table 13. I2C implementation
I2C features
I2C1
I2C2
I2C3
Standard-mode (up to 100 Kbit/s)
X
X
X
Fast-mode (up to 400 Kbit/s)
X
X
X
Fast-mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s)
X
X
X
Programmable analog and digital noise filters
X
X
X
SMBus/PMBus hardware support
X
X
X
Independent clock
X
X
X
Autonomous in Stop 0, Stop 1 mode with wake-up capability
X
X
X
Autonomous in Stop 2 mode with wake-up capability
-
-
X
1. X = supported.
3.34
Improved inter-integrated circuit interface (I3C)
The devices embed two instances of I3C. The I3C interface handles communication between this device and
others, such as sensors and host processor, connected on an I3C bus. An I3C bus is a two-wire, serial single-
ended, multidrop bus, intended to improve a legacy I2C bus.
The I3C SDR-only peripheral implements all the features required by the MIPI® I3C specification v1.1. It can
control all I3C bus-specific sequencing, protocol, arbitration, and timing, and can act as controller (formerly known
as master), or as target (formerly known as slave).
When acting as controller, the I3C peripheral improves the features of the I²C interface preserving some backward
compatibility: it allows an I2C target to operate on an I3C bus in legacy I2C fast mode (Fm) or legacy I 2C fast
mode plus (Fm+), provided that the latter does not perform clock stretching.
The I3C peripheral can be used with DMA, to off-load the CPU.
The I3C peripheral supports:
•
MIPI® I3C specification v1.1, as:
–
I3C SDR-only primary controller
–
I3C SDR-only secondary controller
–
I3C SDR-only target
–
I3C SCL bus clock frequency up to 12.5 MHz
•
Registers configuration from the host application via the APB slave port
•
Queued data transfers:
–
Transmit FIFO (TX-FIFO) for data bytes/words to be transmitted on the I3C bus
–
Receive FIFO (RX-FIFO) for received data bytes/words on the I3C bus
–
For each FIFO, optional DMA mode with a dedicated DMA channel
•
Queued control/status transfers, when controller:
–
Control FIFO (C-FIFO) for control words to be sent on the I3C bus
–
Optional status FIFO (S-FIFO) for status words as received on the I3C bus
–
For each FIFO, optional DMA mode with a dedicated DMA channel
•
Messages:
–
Legacy I2C read/write messages to legacy I2C targets in Fm/Fm+
–
I3C SDR read/write private messages
–
I3C SDR broadcast CCC messages
–
I3C SDR read/write direct CCC messages
STM32U375xx
Functional overview
DS14861 - Rev 2
page 43/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com