Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 118Page - STMicroelectronics STM32U375CE Datasheet HTML 119Page - STMicroelectronics STM32U375CE Datasheet HTML 120Page - STMicroelectronics STM32U375CE Datasheet HTML 121Page - STMicroelectronics STM32U375CE Datasheet HTML 122Page - STMicroelectronics STM32U375CE Datasheet HTML 123Page - STMicroelectronics STM32U375CE Datasheet HTML 124Page - STMicroelectronics STM32U375CE Datasheet HTML 125Page - STMicroelectronics STM32U375CE Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 222 page
background image
Symbol
Parameter
Conditions
Typ (3 V,
30°C)
Max (1)(3 V)
Unit
twu(Standby)
Wake-up time from
Standby mode to
Run mode
Wake-up in flash, PWR_CR3.FSTEN = 0
MSI
12 MHz
62.9
131
µs
Wake-up in flash PWR_CR3.FSTEN = 1
MSI
12 MHz
62.9
81
MSI
3 MHz
138.4
158
twu(Shutdown)
Wake-up time from
Shutdown mode to
Run mode
-
MSI
12 MHz
190.4
298
µs
1. Evaluated by characterization and not tested in production. Temperature range from -40°C to 110°C
Table 68. Low-power mode wake-up timings on SMPS
.
Symbol
Parameter
Conditions
Typ
(3 V,
30°C)
Max(1)
(3 V)
Unit
twu(Sleep)
Wake-up time from Sleep mode to
Run mode
SLEEP_PD = 0
-
15
18
Number
of CPU
cycles
SLEEP_PD = 1 with MSI = 48 MHz
-
9.5
18
µs
twu(Stop 0)
Wake-up time from Stop 0 mode to
Run mode all SRAMs retained
Wake-up in flash, range 2,
PWR_CR2.FLASHFWU = 1
PWR_CR2.SRAMFWU = 1 ICACHE
OFF
MSI 48
MHz
3.7
4
µs
Wake-up in flash, range 2,
PWR_CR2.FLASHFWU = 0
PWR_CR2.SRAMFWU = 0
MSI 48
MHz
9.8
18
HSI 16
MHz
9.7
18
MSI 3
MHz
14.7
23
Wake-up in SRAM2, range 2
PWR_CR2.FLASHFWU = 0
PWR_CR2.SRAMFWU = 0
MSI 48
MHz
3.5
4
HSI 16
MHz
4.9
5
MSI 3
MHz
10.8
11
twu(Stop 1)
Wake-up time from Stop 1 mode to
Run mode all SRAMs retained
Wake-up in flash,
PWR_CR2.FLASHFWU = 1
PWR_CR2.SRAMFWU = 1 ICACHE
OFF
MSI 48
MHz
9.1
10
µs
Wake-up in flash,
PWR_CR2.FLASHFWU = 0
PWR_CR2.SRAMFWU = 0
MSI 48
MHz
15.1
23
HSI 16
MHz
15.0
23
MSI 3
MHz
19.3
23
Wake-up in SRAM2, range 2
PWR_CR2.FLASHFWU = 0
PWR_CR2.SRAMFWU = 0
MSI 48
MHz
8.9
10
HSI 16
MHz
10.2
11
MSI 3
MHz
16.2
17
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 122/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com