Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 142Page - STMicroelectronics STM32U375CE Datasheet HTML 143Page - STMicroelectronics STM32U375CE Datasheet HTML 144Page - STMicroelectronics STM32U375CE Datasheet HTML 145Page - STMicroelectronics STM32U375CE Datasheet HTML 146Page - STMicroelectronics STM32U375CE Datasheet HTML 147Page - STMicroelectronics STM32U375CE Datasheet HTML 148Page - STMicroelectronics STM32U375CE Datasheet HTML 149Page - STMicroelectronics STM32U375CE Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 222 page
background image
(2): The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in the
above table. Otherwise the reset is not taken into account by the device.
(3): The external capacitor on NRST must be placed as close as possible to the device.
5.3.16
Extended interrupt and event controller input (EXTI) characteristics
The pulse on the interrupt input must have a minimal length in order to guarantee that it is detected by the event
controller.
Table 93. EXTI input characteristics
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PLEC
Pulse length to event controller
-
25
-
-
ns
5.3.17
Analog switches booster
Table 94. Analog switches booster characteristics
Specified by design and not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.6
1.8
3.6
V
tSU(BOOST)
Booster startup time
-
-
50
µs
IDD(BOOST)
Booster consumption
-
-
125
µA
5.3.18
12-bit analog-to-digital converter ADC characteristics
Unless otherwise specified, the parameters given in Table 95 are values derived from tests performed under
ambient temperature, fHCLK frequency, and VDDA supply voltage conditions summarized in Table 27.
Note:
It is recommended to perform a calibration after each power-up.
Table 95. 12-bit ADC characteristics
The voltage booster on the ADC switches must be used when VDDA < 2.4 V (embedded I/O switches).
Specified by design. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog power supply for ADC ON
-
1.62
-
3.6
V
VREF+
Positive reference voltage
-
1
-
VDDA
VREF-
Negative reference voltage
-
VSSA
fADC
ADC clock frequency
1.62 V ≤ VDDA ≤ 3.6 V
0.14
-
55
MHz
ADC clock duty cycle
-
45
-
55
%
fs
Sampling rate
Resolution = 12 bits
0.01
-
2.75
Msps
Resolution = 10 bits
0.012
-
3.05
Resolution = 8 bits
0.014
-
3.43
Resolution = 6 bits
0.0175
-
3.92
tTRIG
External trigger period
Resolution = 12 bits
16
-
-
1/fADC
VAIN(1)
Conversion voltage range
-
0
-
VREF+
V
RAIN(2)
External input impedance
Tj = 110°C
Resolution = 12 bits
-
-
2.2
kΩ
Resolution = 10 bits
-
-
6.8
Resolution = 8 bits
-
-
33.0
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 146/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com