Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 152Page - STMicroelectronics STM32U375CE Datasheet HTML 153Page - STMicroelectronics STM32U375CE Datasheet HTML 154Page - STMicroelectronics STM32U375CE Datasheet HTML 155Page - STMicroelectronics STM32U375CE Datasheet HTML 156Page - STMicroelectronics STM32U375CE Datasheet HTML 157Page - STMicroelectronics STM32U375CE Datasheet HTML 158Page - STMicroelectronics STM32U375CE Datasheet HTML 159Page - STMicroelectronics STM32U375CE Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 222 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDDA(VREFBUF)
VREFBUF consumption from
VDDA
Iload = 0 µA
-
14
18
µA
Iload = 500 µA
-
16
20
Iload = 4 mA
-
42
50
1. In degraded mode, the voltage reference buffer can not accurately maintain the output voltage (VDDA - drop voltage).
2. Evaluated by characterization. Not tested in production.
3. The capacitive load must include a 100 nF capacitor in order to cut off the high-frequency noise.
4. The load regulation value only takes into account the die and package resistance. The parasitic resistance on PCB degrades this value.
5. To correctly control the VREFBUF inrush current during startup phase and scaling change, the VDDA voltage must be in the range of [1.8
V-3.6 V], [2.1 V-3.6 V], [2.4 V-3.6 V] and [2.8 V-3.6 V] for VRS = 000, 001, 010 and 011 respectively.
Figure 42. VREFBUF_OUT versus temperature (VRS = 000)
1.48
1.485
1.49
1.495
1.5
1.505
1.51
-40
-20
0
20
40
60
80
100
V
⁰C
Mean
Min
Max
Figure 43. VREFBUF_OUT versus temperature (VRS = 001)
1.78
1.785
1.79
1.795
1.8
1.805
1.81
1.815
-40
-20
0
20
40
60
80
100
V
⁰C
Mean
Min
Max
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 156/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com