Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 175Page - STMicroelectronics STM32U375CE Datasheet HTML 176Page - STMicroelectronics STM32U375CE Datasheet HTML 177Page - STMicroelectronics STM32U375CE Datasheet HTML 178Page - STMicroelectronics STM32U375CE Datasheet HTML 179Page - STMicroelectronics STM32U375CE Datasheet HTML 180Page - STMicroelectronics STM32U375CE Datasheet HTML 181Page - STMicroelectronics STM32U375CE Datasheet HTML 182Page - STMicroelectronics STM32U375CE Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 222 page
background image
Table 124. JTAG characteristics
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FTCK
TCK clock frequency
1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
34
MHz
tisu(TMS)
TMS input setup time
-
4
-
-
ns
tih(TMS)
TMS input hold time
-
0.5
-
-
tisu(TDI)
TDI input setup time
-
1.5
-
-
tih(TDI)
TDI input hold time
-
0.5
-
-
tov(TDO)
TDO output valid time
1.71 V ≤ VDDIOX ≤ 3.6 V
-
13.5
14.5
toh(TDO)
TDO output hold time
-
8.5
-
-
Figure 65. JTAG timing diagram
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tc(SCK)
th(NSS)
tdis(SO)
tsu(NSS)
ta(SO)
tv(SO)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(SO)
Last bit IN
NSS input
Table 125. SWD characteristics
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FSWCLK
SWCLK clock frequency
2.7 V ≤ VDDIOX ≤ 3.6 V
-
-
66
MHz
1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
38
tisu(SWDIO)
SWDIO input setup time
-
2.5
-
-
ns
tih(SWDIO)
SWDIO input hold time
-
0.5
-
-
tov(SWDIO)
SWDIO output valid time
2.7 V ≤ VDDIOX ≤ 3.6 V
-
11.5
15
1.71 V ≤ VDDIOX ≤ 3.6 V
-
11.5
26
toh(SWDIO)
SWDIO output hold time
-
9.5
-
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 179/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com