Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 205Page - STMicroelectronics STM32U375CE Datasheet HTML 206Page - STMicroelectronics STM32U375CE Datasheet HTML 207Page - STMicroelectronics STM32U375CE Datasheet HTML 208Page - STMicroelectronics STM32U375CE Datasheet HTML 209Page - STMicroelectronics STM32U375CE Datasheet HTML 210Page - STMicroelectronics STM32U375CE Datasheet HTML 211Page - STMicroelectronics STM32U375CE Datasheet HTML 212Page - STMicroelectronics STM32U375CE Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 222 page
background image
7
Ordering information
Example:
STM32
U
375
V
G
T
6
Q
TR
Device family
STM32 = Arm®-based 32-bit
microcontroller
Product type
U = Ultra-low-power
Device subfamily
375 = STM32U375xx
Pin count
K = 32 pins
C = 48/52 pins
R = 64/68 balls/pins
V = 100 balls/pins
Flash memory size
G = 1 Mbyte
E = 512 Kbyte
Package
T = LQFP
U = UFQFPN
I = UFBGA
Y = WLCSP
Temperature range
6 = Industrial temperature range, –40 to 85°C (105 °C junction)
7 = Industrial temperature range, –40 to 105°C (110 °C junction)
Dedicated pinout
Q = Dedicated pinout including SMPS step-down converter
G = Dedicated pinout including SMPS step-down converter and GPIO port G
Packing
TR = Tape and reel
xxx = Programmed parts
Note:
For a list of available options (such as speed and package) or for further information on any aspect of this
device, contact your nearest ST sales office.
STM32U375xx
Ordering information
DS14861 - Rev 2
page 209/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com