Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 20Page - ams-OSRAM AG AS3953B Datasheet HTML 21Page - ams-OSRAM AG AS3953B Datasheet HTML 22Page - ams-OSRAM AG AS3953B Datasheet HTML 23Page - ams-OSRAM AG AS3953B Datasheet HTML 24Page - ams-OSRAM AG AS3953B Datasheet HTML 25Page - ams-OSRAM AG AS3953B Datasheet HTML 26Page - ams-OSRAM AG AS3953B Datasheet HTML 27Page - ams-OSRAM AG AS3953B Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
ams Datasheet
Page 23
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Detailed Description
Therefore, if the EEPROM programming is executed, the
AS3953B reply comes after 8ms typical. Figure below defines
the coding of the AS3953B reply to Write EEPROM command.
Figure 32:
Write EEPROM Reply
Passing of Block Data to Controller
After the PICC Logic has passed the anti-collision procedure and
replied with SAK on Cascade Level 2 it passes in ACTIVE(*) state.
On this level it expects that blocks received from the PCD have
the format according to ISO 14443A-4. The ISO 144443A Logic
recognizes the command by observing the first received byte.
Based on content of this byte command is either processed by
the AS3953B or the complete block data is put in the FIFO for
further processing by the controller. The figure below displays
the decision criteria.
Information Field
Comment
90h
Writing is normally processed
61h
Writing is not done due to coding
error (error in parity, CRC, nonexistent
address…)
62h
Writing is not done since the word is
locked
64h
Writing is not done due to power
check fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com