Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 14Page - ams-OSRAM AG AS3953B Datasheet HTML 15Page - ams-OSRAM AG AS3953B Datasheet HTML 16Page - ams-OSRAM AG AS3953B Datasheet HTML 17Page - ams-OSRAM AG AS3953B Datasheet HTML 18Page - ams-OSRAM AG AS3953B Datasheet HTML 19Page - ams-OSRAM AG AS3953B Datasheet HTML 20Page - ams-OSRAM AG AS3953B Datasheet HTML 21Page - ams-OSRAM AG AS3953B Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
ams Datasheet
Page 17
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Detailed Description
ATS
ATS is response to ISO 14443-4 command RATS. The content of
the ATS is used to inform the PCD about PICC capability (like
the maximum frame size, support of higher bit rates, etc.)
Several response fields of ATS are stored in EEPROM
configuration word. The AS3953B ATS is composed of following
5 bytes according to [ISO4]: TL, T0, TA(1), TB(1) and TC(1).
TL: This is the length byte. Since ATS is composed of 5 bytes, its
content is 0x05. Figure below defines the coding of the TL byte.
Figure 19:
TL Byte Coding
T0: This is the format byte. Figure below defines the coding of
the T0 byte.
Figure 20:
T0 Byte Coding
Bit b8 is set to ‘0’.
Bits b7 to b5 indicate presence of bytes TA(1), TB(1) and TC(1)
and hence are all set to ‘1’.
Bits b4 to b1 are called FCSI and codes FCS. The FCS is maximum
size of a frame defined by PICC. It is defined by configuration
bits fsci<3:0>.
TA(1): This codes the bit rate capability of PICC. Supported
higher bit rates of AS3953B are 212, 424 and 848 kbit/s. However
in specific applications, it is advised to report lower capability
to PCD (for example, due to the usage of slow controller or low
power application). Due to this reason the TA(1) response is
configurable using configuration bits.
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
0000101
Coding of ATS byte TL
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
1
1
1
fsci<3>
fsci<2>
fsci<1>
fsci<0>
Coding of ATS byte T0
TC(1)
TB(1)
TA(1)
FCSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com