Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 49Page - ams-OSRAM AG AS3953B Datasheet HTML 50Page - ams-OSRAM AG AS3953B Datasheet HTML 51Page - ams-OSRAM AG AS3953B Datasheet HTML 52Page - ams-OSRAM AG AS3953B Datasheet HTML 53Page - ams-OSRAM AG AS3953B Datasheet HTML 54Page - ams-OSRAM AG AS3953B Datasheet HTML 55Page - ams-OSRAM AG AS3953B Datasheet HTML 56Page - ams-OSRAM AG AS3953B Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
Figure 61:
Main Interrupt Register
Note(s):
1. At power-up and after Set Default command, content of this register is set to ‘0’.
2. After Main Interrupt Register is read, with the exception of bit0, the register content is set to ‘0’. The bit0 is set to ‘0’ only after the
corresponding interrupt register is read.
Address# 0Ah : Main Interrupt
Type: R
Bit
Name
Function
Comments
7I_pu
Power-up IRQ
6
I_wu_l4
Wake-up IRQ at entry in ACTIVE(*) state
5I_wu
Wake-up IRQ triggered by sending
Wake-Up command
4
I_rxs
IRQ due to start of receive
Applicable when receive frame is
put in FIFO
3
I_rxe
IRQ due to end of receive
Applicable when receive frame is
put in FIFO
2
I_txe
IRQ due to end of transmission
Applicable when data from FIFO is
sent
1
I_wl
IRQ due to FIFO water level
During receive informing that
FIFO is almost full and has to be
read out.
During transmit informing that
FIFO is almost empty and that
additional data has to be send
0I_aux
IRQ due to event displayed in the
Auxiliary Interrupt Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com