Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 2Page - ams-OSRAM AG AS3953B Datasheet HTML 3Page - ams-OSRAM AG AS3953B Datasheet HTML 4Page - ams-OSRAM AG AS3953B Datasheet HTML 5Page - ams-OSRAM AG AS3953B Datasheet HTML 6Page - ams-OSRAM AG AS3953B Datasheet HTML 7Page - ams-OSRAM AG AS3953B Datasheet HTML 8Page - ams-OSRAM AG AS3953B Datasheet HTML 9Page - ams-OSRAM AG AS3953B Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
ams Datasheet
Page 5
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Absolute Maximum Ratings
Stresses beyond those listed in Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated in Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
5
V
VIN
Input pin voltage except LC1
and LC2
-0.5
5
V
Input pin voltage pins LC1 and
LC2
-0.5
6.5
V
Peak current induced on pins
LC1 and LC2
100
mA
Iscr
Input current
(latchup immunity)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
ESDHBM
Electrostatic discharge
(human body model)
±2
kV
Norm: MIL 883 E method
3015
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
125
ºC
RHNC
Relative humidity
non-condensing
585
%
MSL
Moisture sensitivity level
1
Maximum floor life time of
unlimited hours
tstrg_DOF
Storage time for DOF/dies or
wafers on foil
3months
Refer to indicated date of
packing
Tstrg_DOF
Storage temperature for
DOF/dies or wafers on foil
18
24
ºC
RHopen_DOF
Relative humidity for DOF/dies
or wafers on foil in open
package
15
%
Opened package
RHUnopen_
DOF
Relative humidity for DOF/dies
or wafers on foil in closed
package
40
60
%
Unopened package
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com