Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 46Page - ams-OSRAM AG AS3953B Datasheet HTML 47Page - ams-OSRAM AG AS3953B Datasheet HTML 48Page - ams-OSRAM AG AS3953B Datasheet HTML 49Page - ams-OSRAM AG AS3953B Datasheet HTML 50Page - ams-OSRAM AG AS3953B Datasheet HTML 51Page - ams-OSRAM AG AS3953B Datasheet HTML 52Page - ams-OSRAM AG AS3953B Datasheet HTML 53Page - ams-OSRAM AG AS3953B Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
ams Datasheet
Page 49
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
Figure 58:
RATS Register
Note(s):
1. At power-up and after Set Default, content of this register is set to ‘0’.
2. The RATS Register is used only in ISO 14443A-4 Protocol mode. It contains information sent by PCD in RATS command. The register
informs the controller about maximum frame size that the PCD can handle and the attributed CID number.
Address# 05h : RATS
Type: R
Bit
Name
Function
Comments
7fsdi3
RATS FSDI bits
Displays maximum frame size that
PCD can handle (set by PCD in
RATS command)
6fsdi2
5fsdi1
4fsdi0
3cid3
RATS CID bits
Displays attributed CID number
(set by PCD in RATS command)
2cid2
1cid1
0cid0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com