Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 5Page - ams-OSRAM AG AS3953B Datasheet HTML 6Page - ams-OSRAM AG AS3953B Datasheet HTML 7Page - ams-OSRAM AG AS3953B Datasheet HTML 8Page - ams-OSRAM AG AS3953B Datasheet HTML 9Page - ams-OSRAM AG AS3953B Datasheet HTML 10Page - ams-OSRAM AG AS3953B Datasheet HTML 11Page - ams-OSRAM AG AS3953B Datasheet HTML 12Page - ams-OSRAM AG AS3953B Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Electrical Characteristics
Electrical Specification
Figure 9:
VP_SPI = 3.0 V, Temperature 25ºC (unless noted otherwise)
Symbol
Parameter
Min
Typ
Max
Units
Note
ISB_SPI
Standby consumption
on VP_SPI
65
100
nA
@ 25ºC; RF field not applied
1.8
2.2
2.7
μA
@ 25ºC; RF field applied
VLIM
Limiter voltage
5.2
5.7
V
ILC = 30mA (DC)
IS
Supply current
250
μA
Internal supply current
measured in test mode on
VREC, 13.56 MHz alternative
pulses with amplitude 2Vpp,
negative peak at VSS, forced
to LC1 and LC2
VVP_REG
Regulated supply
voltage
1.65
1.8
2.01
V
Set to 1.8V in EEPROM
Configuration word
VHF_PON
HF_PON threshold
(rising VREG)
2.3
V
Guaranteed by design only
VPOR_HY
HF_PON hysteresis
0.8
V
VMOD
Modulator ON voltage
drop
1.2
V
ILC = 1mA
3.3
ILC = 30mA
CR
Resonance capacitor
25.2
28
30.8
pF
Measured at 10MHz, 3.0Vpp
(2.5Vpp)
EEEN
EEPROM endurance
100000
cycles
@ 125ºC
EERET
EEPROM retention
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com