Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 12Page - ams-OSRAM AG AS3953B Datasheet HTML 13Page - ams-OSRAM AG AS3953B Datasheet HTML 14Page - ams-OSRAM AG AS3953B Datasheet HTML 15Page - ams-OSRAM AG AS3953B Datasheet HTML 16Page - ams-OSRAM AG AS3953B Datasheet HTML 17Page - ams-OSRAM AG AS3953B Datasheet HTML 18Page - ams-OSRAM AG AS3953B Datasheet HTML 19Page - ams-OSRAM AG AS3953B Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
ams Datasheet
Page 15
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Detailed Description
The last 4 bytes of UID are read from EEPROM (UID word).Figure
below defines the last four bytes of UID.
Figure 14:
Coding of Last Four Bytes of UID
Coding of ATQA, SAK and ATS
Several bits of responses ATQA, SAK and ATS are defined as
“don’t care” in the ISO 14443A standard. Some others are
defined by optional choices in standard protocol. This section
defines how these bits are set by the AS3953B.
ATQA
ATQA is response to REQA and WUPA commands. Figure below
defines the ATQA coding.
Figure 15:
ATQA Coding
Bits b16 to b13 are RFU bits which must be set to ‘0’.
Bits b12 to b9 are proprietary coding and are set to ‘0’.
Bits b8 and b7 indicate double size UID.
Bit b6 is ‘RFU’ bit and is set to ‘0’.
For bit frame anti-collision, the code 00100 is chosen.
UID Byte
UID Word Bits
uid3
b7-b0
uid4
b15-b8
uid5
b23-b16
uid6
b31-b24
b16
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
0
0
0000000
1000100
UID size
Bit frame anti-collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com