Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 11Page - ams-OSRAM AG AS3953B Datasheet HTML 12Page - ams-OSRAM AG AS3953B Datasheet HTML 13Page - ams-OSRAM AG AS3953B Datasheet HTML 14Page - ams-OSRAM AG AS3953B Datasheet HTML 15Page - ams-OSRAM AG AS3953B Datasheet HTML 16Page - ams-OSRAM AG AS3953B Datasheet HTML 17Page - ams-OSRAM AG AS3953B Datasheet HTML 18Page - ams-OSRAM AG AS3953B Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
DESELECT puts the PICC Logic in HALT state. An interrupt is sent
to controller upon reception of DESELECT command to inform
it that PCD stopped the Level-4 communication.
Additionally to supporting the ISO14443-4 transmitting
protocol the PICC Logic accepts also proprietary commands.
Proprietary commands are identified by setting the two MSB
bits of first transmitted byte to ‘01’ (This combination is not
used by ISO 14443A Level-4 protocol). The following custom
commands are implemented:
• Wake-Up: Sends a wake-up interrupt to controller
• Read EEPROM: Reads data from EEPROM
• Write EEPROM: Writes data to EEPROM
Support of ISO 14443A Optional Features
• CID is supported
• NAD is not supported
• Historical bytes are not supported
• Power level indication is not supported
Coding of UID
Anti-collision procedure is based on Unique Identification
Number (UID). The AS3953B supports double UID size (7 bytes).
First three bytes of UID are hard-wired inputs to the PICC Logic
(uid<23:0>). Last 4 bytes of UID are stored in EEPROM UID word.
First Byte of UID (uid0)
First byte of UID is according to [ISO3] ISO/IEC 7816-6 IC
Manufacturer ID. It is coded on bits uid<7:0>. ams IC
Manufacturer ID is 3F(hex).
Second Byte of UID (uid1)
Second byte of UID – uid<15:8> is reserved for ams chip type (IC
Type). Every ams RFID tag IC has its own chip type attributed.
Therefore PCD which has read the RFID tag UID knows to which
tag IC it is talking.
The AS3953B IC type is 10(hex).
Third Byte of UID (uid2)
Third byte of UID – uid<23:16> is set to 00(hex). Figure below
defines the coding of the first three bytes of UID.
Figure 13:
Coding of First Three Bytes of UID
UID Byte
FL Signal Name
Value (hex)
uid0
uid<7:0>
3F
uid1
uid<15:8>
10
uid2
uid<23:16>
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com