Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 51Page - ams-OSRAM AG AS3953B Datasheet HTML 52Page - ams-OSRAM AG AS3953B Datasheet HTML 53Page - ams-OSRAM AG AS3953B Datasheet HTML 54Page - ams-OSRAM AG AS3953B Datasheet HTML 55Page - ams-OSRAM AG AS3953B Datasheet HTML 56Page - ams-OSRAM AG AS3953B Datasheet HTML 57Page - ams-OSRAM AG AS3953B Datasheet HTML 58Page - ams-OSRAM AG AS3953B Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
Figure 64:
FIFO Status Register 2
Note(s):
1. At power-up and after direct commands Set Default and Clear content of this register is set to 0.
Definition of Number of Transmitted Bytes
Figure 65:
Number of Transmitted Bytes Register 1
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address# 0Dh: FIFO Status 2
Type: R
Bit
Name
Function
Comments
7RFU
6
fifo_unf
FIFO underflow
Set when more bytes than the
actual content of FIFO are read
5
fifo_ovr
FIFO overflow
4
fifo_ncp
Last FIFO byte is not complete
3fifo_lb2
Number of bits in last FIFO byte in case
it was not complete (fifo_npc=1)
MSB bits valid
2fifo_lb1
1fifo_lb0
0
np_lb
Parity bit is missing in last byte
This is a framing error
Address# 10h : Number of Transmitted Bytes 1
Type: RW
Bit
Name
Default
Function
Comments
7RFU
Number of full bytes to be
transmitted in one
command, MSB bits
Maximum supported number of
bytes is 1023
6RFU
5RFU
4ntx9
0
3ntx8
0
2ntx7
0
1ntx6
0
0ntx5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com