Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 42Page - ams-OSRAM AG AS3953B Datasheet HTML 43Page - ams-OSRAM AG AS3953B Datasheet HTML 44Page - ams-OSRAM AG AS3953B Datasheet HTML 45Page - ams-OSRAM AG AS3953B Datasheet HTML 46Page - ams-OSRAM AG AS3953B Datasheet HTML 47Page - ams-OSRAM AG AS3953B Datasheet HTML 48Page - ams-OSRAM AG AS3953B Datasheet HTML 49Page - ams-OSRAM AG AS3953B Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
ams Datasheet
Page 45
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
IO Definition Register
Figure 53:
IO Configuration Register
Note(s):
1. This register is directly supplied by VP_SPI. Its initial state is unknown.
Address# 00h : IO Configuration
Type: RW
Bit
Name
Default
Function
Comments
7miso_pd2
x
1: Pull-down on MISO, when \SS
is low and MISO is not driven by
the AS3953B
6miso_pd1
x
1: Pull-down on MISO when \SS
is high
5RFU
4RFU
3RFU
2RFU
1RFU
0RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com