Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 28Page - ams-OSRAM AG AS3953B Datasheet HTML 29Page - ams-OSRAM AG AS3953B Datasheet HTML 30Page - ams-OSRAM AG AS3953B Datasheet HTML 31Page - ams-OSRAM AG AS3953B Datasheet HTML 32Page - ams-OSRAM AG AS3953B Datasheet HTML 33Page - ams-OSRAM AG AS3953B Datasheet HTML 34Page - ams-OSRAM AG AS3953B Datasheet HTML 35Page - ams-OSRAM AG AS3953B Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
ams Datasheet
Page 31
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
Figure 39:
SPI Modes
MISO output is usually in tristate, it is only driven when output
data is available. Due to this the MOSI and the MISO can be
externally shorted to create a bidirectional signal.
During the time the MISO output is in tristate, it is possible to
switch on a 10 k
Ω pull-down by activating option bits miso_pd1
and miso_pd2 in IO Configuration Register.
Figure 40:
Signal to Controller
MODE
MODE Pattern (communication bits)
MODE Related Data
MODE
Trailer
M2
M1
M0
C4
C3
C2
C1
C0
Register
Write
0
0
0
A4
A3
A2
A1
A0
Data byte (or more bytes in
case of auto incrementing)
Register
Read
0
0
1
A4
A3
A2
A1
A0
Data byte (or more bytes in
case of auto incrementing)
EEPROM
Write
010
00
000
Word
Address byte
4 bytes of
word data
EEPROM
Read
011
11
111
Word
Address byte
4 bytes of
word data (or
multiple
words in case
of auto
incrementing
FIFO Load
100
00
000
One or more bytes of FIFO
data
FIFO Read
101
11
111
One or more bytes of FIFO
data
COMMAND
Mode
1
1
C5
C4
C3
C2
C1
C0
MOSI
MISO
MISO
MOSI
AS3953B
MOSI
MISO
I/O
AS3953B
µC
µC
Separate SPI Input and Output Signals to Controller
Bi-directional Data IO Signal to Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com