Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 29Page - ams-OSRAM AG AS3953B Datasheet HTML 30Page - ams-OSRAM AG AS3953B Datasheet HTML 31Page - ams-OSRAM AG AS3953B Datasheet HTML 32Page - ams-OSRAM AG AS3953B Datasheet HTML 33Page - ams-OSRAM AG AS3953B Datasheet HTML 34Page - ams-OSRAM AG AS3953B Datasheet HTML 35Page - ams-OSRAM AG AS3953B Datasheet HTML 36Page - ams-OSRAM AG AS3953B Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
Writing of Data to Addressable Registers
(Register Write Mode)
Following figures show cases of writing a single byte and
writing multiple bytes with auto-incrementing address. After
the SPI operation mode bits, the address of register to be
written is provided. Then one or more data bytes are transferred
from the SPI, always from the MSB to the LSB. The data byte is
written in register on falling edge of its last clock. In case the
communication is terminated by putting /SS high before a
packet of 8 bits composing one byte is sent, writing of this
register is not performed. In case the register on the defined
address does not exist or it is a read only register no write is
performed.
Note(s): When the AS3953B is powered via vp_SPI and not via
field; the registers and EEPROM can be readout. When CS is set
to low, after 50us of the falling edge, the Registers and the
EEPROM can be readout. Nevertheless, if there is no activity for
1ms, there is a timeout and the logic goes to sleep, hence losing
the values in the registers. (EEPROM values are retained).
Figure 41:
Writing of a Single Register
Figure 42:
Writing of Register Data with Auto-Incrementing Address
00
0
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK falling
edge Data is
sampled
Data is moved to
Address
A4-A0
/SS rising
edge signals
end of WRITE
Mode
Three leading
bits indicate
Mode
/SS
SCLK
MOSI
000
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved to
Address
<A4-A0> + n
/SS raising edge
signals end of
WRITE Mode
Three leading
bits indicate
Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved to
Address
<A4-A0> + (n-1)
Data is moved to
Address
<A4-A0> + 1
Data is moved
to Address
<A4-A0>
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com