Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 40Page - ams-OSRAM AG AS3953B Datasheet HTML 41Page - ams-OSRAM AG AS3953B Datasheet HTML 42Page - ams-OSRAM AG AS3953B Datasheet HTML 43Page - ams-OSRAM AG AS3953B Datasheet HTML 44Page - ams-OSRAM AG AS3953B Datasheet HTML 45Page - ams-OSRAM AG AS3953B Datasheet HTML 46Page - ams-OSRAM AG AS3953B Datasheet HTML 47Page - ams-OSRAM AG AS3953B Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
ams Datasheet
Page 43
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
Transmit
This direct command transmits the data stored in the FIFO. In
Protocol modes it is only accepted on Level-4 of
communication. Before triggering transmission using Transmit
command direct command Clear has to be sent, followed by
definition of number of transmitted bytes and writing data to
be transmitted in FIFO.
Execution of this direct command is only enabled when the
AS3953B antenna coil is in a PCD field (VP_INT is above HF_PON
threshold).
Go2halt
Puts PICC logic in HALT state.
Execution of this direct command is only enabled when the
AS3953B antenna coil is in a PCD field (VP_INT is above HF_PON
threshold) and PICC Logic is in one of the two ISO 14443A
Protocol modes.
Registers
The 6-bit register addresses below are defined in the
hexadecimal notation. The possible address range is from 00h
to 3Fh.
There are two types of registers implemented in the AS3953B:
configuration registers and display registers. The configuration
registers are used to configure the AS3953B. They can be
written and read through the SPI (RW). The display registers are
read only (RO); they contain information about the AS3953B
internal state, which can be accessed through the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com