Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953B Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 57Page - ams-OSRAM AG AS3953B Datasheet HTML 58Page - ams-OSRAM AG AS3953B Datasheet HTML 59Page - ams-OSRAM AG AS3953B Datasheet HTML 60Page - ams-OSRAM AG AS3953B Datasheet HTML 61Page - ams-OSRAM AG AS3953B Datasheet HTML 62Page - ams-OSRAM AG AS3953B Datasheet HTML 63Page - ams-OSRAM AG AS3953B Datasheet HTML 64Page - ams-OSRAM AG AS3953B Datasheet HTML 65Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
ams Datasheet
Page 63
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Content Guide
1
General Description
2
Key Benefits & Features
3
Applications
3
Block Diagram
4
Pin Assignment
5Absolute Maximum Ratings
6
Electrical Characteristics
6
DC/AC Characteristics for Digital Inputs and Outputs
8
Electrical Specification
9
Detailed Description
9
Circuit
10
PICC AFE
12
Power Manager
13
ISO 14443A Framing Mode
13
ISO 14443A Level-4 Protocol Mode
14
Coding of UID
15
Coding of ATQA, SAK and ATS
15
ATQA
19
Proprietary Commands
23
Passing of Block Data to Controller
24
Use of CID
25
ISO 14443A Level-3 Protocol Mode
25
Transparent Mode
26
EEPROM
26
UID Word
26
Fabrication Data Word
26
Configuration Word
29
OTP Words
29
Write Lock Word
29
Read Lock Word
30
Application Information
30
SPI Interface
32
Writing of Data to Addressable Registers
(Register Write Mode)
33
Reading of Data from Addressable Registers
(Register Read Mode)
34
Writing and Reading of EEPROM Through SPI
36
Loading Transmitting Data into FIFO
36
Reading Received Data from FIFO
37
Direct Command Mode
38
SPI Timing
40
Interrupt Interface
40
FIFO Water Level and FIFO Status Register
42
ISO 14443A Frame Data in FIFO
42
Direct Commands
42
Set Default
42
Clear
43
Transmit
43
Go2halt
43
Registers
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com