Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 24Page - Analog Devices ADRV9002BBCZ Datasheet HTML 25Page - Analog Devices ADRV9002BBCZ Datasheet HTML 26Page - Analog Devices ADRV9002BBCZ Datasheet HTML 27Page - Analog Devices ADRV9002BBCZ Datasheet HTML 28Page - Analog Devices ADRV9002BBCZ Datasheet HTML 29Page - Analog Devices ADRV9002BBCZ Datasheet HTML 30Page - Analog Devices ADRV9002BBCZ Datasheet HTML 31Page - Analog Devices ADRV9002BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 28 of 100
Figure 8. Receiver Noise Figure vs. Gain Index, Baseband Frequency =
5.6 MHz, ADC = Low Power
Figure 9. Receiver Noise Figure vs. LO Frequency, Baseband Frequency =
5.6 MHz, ADC = Low Power
Figure 10. Receiver Image Rejection vs. LO Frequency, Baseband Frequency
= 5.6 MHz, ADC = High Performance, Initialization Calibration and Hardware
Tracking Calibration Only
Figure 11. Receiver Image Rejection vs. LO Frequency, Baseband Frequency
= 5.6 MHz, ADC = Low Power, Initialization Calibration and Hardware
Tracking Calibration Only
Figure 12. Receiver Image Rejection vs. DUT Junction Temperature (Low to
High), Tone 1 Baseband Frequency = −5.1 MHz, Tone 2 Baseband Frequency
= 13.9 MHz, ADC = High Performance, POUT = −15.1 dBFS
Figure 13. Receiver Image Rejection vs. DUT Junction Temperature (Low to
High), Tone 1 Baseband Frequency = −5.1 MHz, Tone 2 Baseband Frequency
= 13.9 MHz, ADC = Low Power, POUT = −15.1 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com