Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices ADRV9002BBCZ Datasheet HTML 22Page - Analog Devices ADRV9002BBCZ Datasheet HTML 23Page - Analog Devices ADRV9002BBCZ Datasheet HTML 24Page - Analog Devices ADRV9002BBCZ Datasheet HTML 25Page - Analog Devices ADRV9002BBCZ Datasheet HTML 26Page - Analog Devices ADRV9002BBCZ Datasheet HTML 27Page - Analog Devices ADRV9002BBCZ Datasheet HTML 28Page - Analog Devices ADRV9002BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Data Sheet
ADRV9002
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 25 of 100
Table 17. Pin Function Descriptions
Pin No.
Type
Mnemonic
Description
M1
Output
RX2_IDATA_OUT−
In LVDS SSI mode, RX2_IDATA_OUT− is the Rx2 I sample data output on the negative side or the Rx2 I
and Q sample data output on the negative side. In CMOS SSI mode, RX2_IDATA_OUT− is the Rx2 Data
Output 0 or the Rx2 I and Q sample data output. If unused, do not connect RX2_IDATA_OUT−.
M2
Output
RX2_IDATA_OUT+
In LVDS SSI mode, RX2_IDATA_OUT+ is the Rx2 I sample data output positive side of the differential
pair or the Rx2 I and Q sample data output positive side of the differential pair. In CMOS SSI mode,
RX2_IDATA_OUT+ is the Rx2 Data Output 1. If unused, do not connect RX2_IDATA_OUT+.
M3
Output
RX2_DCLK_OUT−
In LVDS SSI mode, RX2_DCLK_OUT− is the Rx2 data clock output negative side. In CMOS SSI mode,
RX2_DCLK_OUT− is not used. If unused, do not connect RX2_DCLK_OUT−.
M4
Output
RX2_DCLK_OUT+
In LVDS SSI mode, RX2_DCLK_OUT+ is the Rx2 data clock output positive side. In CMOS SSI mode,
RX2_DCLK_OUT+ is the Rx2 data clock output. If unused, do not connect RX2_DCLK_OUT+.
M5
Input and
Output
DGPIO_15/TX2_
DCLK_OUT+
Digital GPIO 15. VDIGIO_1P8 supplies 1.8 V to DGPIO_15/TX2_DCLK_OUT+. Alternative function of
DGPIO_15/TX2_DCLK_OUT+ is to provide the positive side of the reference clock output for the Tx2
data port in LVDS SSI mode. If unused, do not connect DGPIO_15/TX2_DCLK_OUT+.
M6
Input and
Output
DGPIO_14/TX2_
DCLK_OUT−
Digital GPIO 14. VDIGIO_1P8 supplies 1.8 V to DGPIO_14/TX2_DCLK_OUT−. The alternative function
of DGPIO_14/TX2_DCLK_OUT− is to provide the negative side of the reference clock output for the Tx2
data port in LVDS SSI mode. If unused, do not connect DGPIO_14/TX2_DCLK_OUT−.
M7
Input
VDIGIO_1P8
1.8 V Supply Input for Data Port Interface (CMOS-SSI and LVDS SSI Mode), SPI Signals, Control Input
and Output Signals, and DGPIO Interface.
M8
Output
VDIG_0P9
1.0 V Internal Supply Node for Digital Circuitry. Bypass VDIG_0P9 with a 4.7 µF capacitor.
M9
Input and
Output
DGPIO_12/TX1_
DCLK_OUT−
Digital GPIO 12. VDIGIO_1P8 supplies 1.8 V to DGPIO_12/TX1_DCLK_OUT−. The alternative function
of DGPIO_12/TX1_DCLK_OUT− is to provide the negative side of the reference clock output for the Tx1
data port in LVDS SSI mode. If unused, do not connect DGPIO_12/TX1_DCLK_OUT−.
M10
Input and
Output
DGPIO_13/TX1_
DCLK_OUT+
Digital GPIO 13. VDIGIO_1P8 supplies 1.8 V to DGPIO_13/TX1_DCLK_OUT+. The alternative function
of DGPIO_13/TX1_DCLK_OUT+ is to provide the positive side of the reference clock output for the Tx1
data port in LVDS SSI mode. If unused, do not connect DGPIO_13/TX1_DCLK_OUT+.
M11
Output
RX1_DCLK_OUT+
In LVDS SSI mode, RX1_DCLK_OUT+ is the Rx1 data clock output positive side. In CMOS SSI mode,
RX1_DCLK_OUT+ is the Rx1 data clock output. If unused, do not connect RX1_DCLK_OUT+.
M12
Output
RX1_DCLK_OUT−
In LVDS SSI mode, RX1_DCLK_OUT− is the Rx1 data clock output negative side. In CMOS SSI mode,
RX1_DCLK_OUT− is not used. If unused, do not connect RX1_DCLK_OUT−.
M13
Output
RX1_IDATA_OUT+
In LVDS SSI mode, RX1_IDATA_OUT+ is the Rx1 I sample data output positive side or the Rx1 I and Q
sample data output positive side. In CMOS SSI mode, RX1_IDATA_OUT+ is the Rx1 Data Output 1.
M14
Output
RX1_IDATA_OUT−
In LVDS SSI mode, RX1_IDATA_OUT− is the Rx1 I sample data output negative side or the Rx1 I and Q
sample data output negative side. In CMOS SSI mode, RX1_IDATA_OUT− is the Rx1 Data Output 0 or
the Rx1 I and Q sample data output.
N1
Output
RX2_STROBE_OUT−
In LVDS SSI mode, RX2_STROBE_OUT− is the Rx2 strobe output negative side. In CMOS SSI mode,
RX2_STROBE_OUT− is not used. If unused, do not connect RX2_STROBE_OUT−.
N2
Output
RX2_STROBE_OUT+
In LVDS SSI mode, RX2_STROBE_OUT+ is the Rx2 strobe output positive side. In CMOS SSI mode,
RX2_STROBE_OUT+ is the Rx2 strobe output. If unused, do not connect RX2_STROBE_OUT+.
N3
Output
RX2_QDATA_OUT−
In LVDS SSI mode, RX2_QDATA_OUT− is the Rx2 Q sample data output positive side. In CMOS SSI
mode, RX2_QDATA_OUT− is the Rx2 Data Output 2. If unused, do not connect RX2_QDATA_OUT−.
N4
Output
RX2_QDATA_OUT+
In LVDS SSI mode, RX2_QDATA_OUT+ is the Rx2 Q sample data output positive side. In CMOS SSI
mode, RX2_QDATA_OUT+ is the Rx2 Data Output 3. If unused, do not connect RX2_QDATA_OUT+.
N5
Input
TX2_DCLK_IN+
In LVDS SSI mode, TX2_DCLK_IN+ is the Tx2 data clock input positive side. In CMOS SSI mode,
TX2_DCLK_IN+ is the Tx2 data clock input. If unused, do not connect TX2_DCLK_IN+.
N6
Input
TX2_DCLK_IN−
In LVDS SSI mode, TX2_DCLK_IN− is the Tx2 data clock input negative side. In CMOS SSI mode,
TX2_DCLK_IN− is not used. If unused, do not connect TX2_DCLK_IN−.
N7, N8, P1, P14
Input
VSSD
Digital Supply Voltage (VSSD).
N9
Input
TX1_DCLK_IN−
In LVDS SSI mode, TX1_DCLK_IN− is the Tx1 data clock input negative side. In CMOS SSI mode,
TX1_DCLK_IN− is not used. If unused, do not connect TX1_DCLK_IN−.
N10
Input
TX1_DCLK_IN+
In LVDS SSI mode, TX1_DCLK_IN+ is the Tx1 data clock input positive side. In CMOS SSI mode,
TX1_DCLK_IN+ is the Tx1data clock input. If unused, do not connect TX1_DCLK_IN+.
N11
Output
RX1_QDATA_OUT+
In LVDS SSI mode, RX1_QDATA_OUT+ is the Rx1 Q sample data output positive side. In CMOS SSI
mode, RX1_QDATA_OUT+ is the Rx1 Data Output 3. If unused, do not connect RX1_QDATA_OUT+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com