Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 74 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 74 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 70Page - Analog Devices ADRV9002BBCZ Datasheet HTML 71Page - Analog Devices ADRV9002BBCZ Datasheet HTML 72Page - Analog Devices ADRV9002BBCZ Datasheet HTML 73Page - Analog Devices ADRV9002BBCZ Datasheet HTML 74Page - Analog Devices ADRV9002BBCZ Datasheet HTML 75Page - Analog Devices ADRV9002BBCZ Datasheet HTML 76Page - Analog Devices ADRV9002BBCZ Datasheet HTML 77Page - Analog Devices ADRV9002BBCZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 74 of 100
900 MHz LO
The temperature settings refer to the die temperature. All LO frequencies set to 900 MHz, unless otherwise noted.
Figure 261. Receiver Absolute Gain (Complex) vs. Gain Index, Baseband
Frequency = 2.1 kHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 262. Receiver Noise Figure vs. Gain Index, Baseband Frequency = 2.1
kHz, ADC = High Performance
Figure 263. Receiver Noise Figure vs. Gain Index, Baseband Frequency = 2.1
kHz, ADC = Low Power
Figure 264. Receiver Second-Order Harmonic Distortion vs. Gain Index,
Baseband Frequency = 2.1 kHz, ADC = High Performance
Figure 265. Receiver Second-Order Harmonic Distortion vs. Baseband
Frequency, Gain Index = 255, ADC = High Performance
Figure 266. Receiver Second-Order Harmonic Distortion vs. Gain Index,
Baseband Frequency = 2.1 kHz, ADC = Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com