Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 4Page - Analog Devices ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 8 of 100
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
30 MHz
16.7
dB
470 MHz
14.8
dB
900 MHz
15.1
dB
2400 MHz
15.6
dB
3500 MHz
17.0
dB
5800 MHz
17.5
dB
SECOND-ORDER INPUT
INTERMODULATION INTERCEPT POINT
High Performance Receiver ADCs
Wideband
IIP2WB
0 dB receiver attenuation, 1 dB cutoff frequency (f1dB) of the
transimpedance amplifier (TIA) = 20 MHz, two continuous wave tones at 17
MHz and 18 MHz, for LO = 50 MHz, tone output power is −11.6 dBFS/tone,
for all other LOs, tone output power is −8.1 dBFS/tone
50 MHz
79
dBm
470 MHz
81
dBm
900 MHz
85
dBm
2400 MHz
73
dBm
3500 MHz
60
dBm
5800 MHz
60
dBm
Narrow-Band
IIP2NB
0 dB receiver attenuation, 3 dB cutoff frequency (f3dB) of the first-order
transimpedance amplifier (TIA) = 4 MHz, two continuous wave tones at
1.0061 MHz and 2.0061 MHz, for LO = 30 MHz, 470 MHz, 900 MHz and
2400 MHz, tone output power is −11.6 dBFS/tone, for LO = 3500 MHz and
5800 MHz, tone output power is −6.6 dBFS/tone
30 MHz
90
dBm
470 MHz
89
dBm
900 MHz
85
dBm
2400 MHz
68
dBm
3500 MHz
73
dBm
5800 MHz
67
dBm
Low Power Receiver ADCs
Wideband
IIP2WB
0 dB receiver attenuation, f1dB of the TIA = 20 MHz, two continuous wave
tones at 17 MHz and 18 MHz, for LO = 50 MHz, tone output power is −11.6
dBFS/tone, for all other LOs, tone output power is −8.1 dBFS/tone
50 MHz
70
dBm
470 MHz
74
dBm
900 MHz
72
dBm
2400 MHz
65
dBm
3500 MHz
59
dBm
5800 MHz
60
dBm
Narrow-Band
IIP2NB
0 dB receiver attenuation, 3 dB cutoff frequency (f3dB) of the first-order
transimpedance amplifier (TIA) = 4 MHz, two continuous wave tones at
1.0061 MHz and 2.0061 MHz, for LO = 30 MHz, 470 MHz, 900 MHz and
2400 MHz, tone output power is −11.6 dBFS/tone, for LO = 3500 MHz and
5800 MHz, tone output power is −6.6 dBFS/tone
30 MHz
82
dBm
470 MHz
84
dBm
900 MHz
81
dBm
2400 MHz
70
dBm
3500 MHz
71
dBm
5800 MHz
67
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com