Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 9 of 100
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
THIRD-ORDER INPUT
INTERMODULATION INTERCEPT POINT,
DIFFERENCE PRODUCT
High Performance Receiver ADCs
Wideband
IIP3WB
0 dB receiver attenuation, f1dB of the TIA = 20 MHz, two continuous wave
tones at 17 MHz and 18 MHz, for LO = 50 MHz, tone output power is −11.6
dBFS/tone, for all other LOs, tone output power is −8.1 dBFS/tone
50 MHz
22
dBm
470 MHz
26
dBm
900 MHz
27
dBm
2400 MHz
28
dBm
3500 MHz
26
dBm
5800 MHz
25
dBm
Narrow-Band
IIP3NB
0 dB receiver attenuation, for LO = 30 MHz, second-order TIA is used and
f1dB of the TIA = 7 MHz, for all others, first-order TIA is used and f1dB of the
TIA = 4 MHz, two continuous wave tones at 1.0061 MHz and 2.0061 MHz,
for LO = 30 MHz and 900 MHz, tone output power is −15.1 dBFS/tone,
for LO = 470 MHz and 2400 MHz , tone output power is −13.6 dBFS/tone,
for LO = 3500 MHz, tone output power is −12.6 dBFS/tone, for LO = 5800
MHz, tone output power is −14 dBFS/tone
30 MHz
31
dBm
470 MHz
33
dBm
900 MHz
29
dBm
2400 MHz
26
dBm
3500 MHz
27
dBm
5800 MHz
23
dBm
Low Power Receiver ADCs
Wideband
IIP3WB
0 dB receiver attenuation, f1dB of the TIA = 20 MHz, two continuous wave
tones at 17 MHz and 18 MHz, for LO = 50 MHz, tone output power is −11.6
dBFS/tone, for all other LOs, tone output power is −8.1 dBFS/tone
50 MHz
21
dBm
470 MHz
22
dBm
900 MHz
22
dBm
2400 MHz
21
dBm
3500 MHz
23
dBm
5800 MHz
20
dBm
Narrow-Band
IIP3NB
0 dB receiver attenuation, for LO = 30 MHz, second-order TIA is used and
f1dB of the TIA = 7 MHz, for all others, first-order TIA is used and f1dB of the
TIA = 4 MHz, two continuous wave tones at 1.0061 MHz and 2.0061 MHz,
for LO = 30 MHz and 900 MHz, tone output power is −15.1 dBFS/tone,
for LO = 470 MHz and 2400 MHz , tone output power is −13.6 dBFS/tone,
for LO = 3500 MHz, tone output power is −12.6 dBFS/tone, for LO = 5800
MHz, tone output power is −14 dBFS/tone
30 MHz
23
dBm
470 MHz
23
dBm
900 MHz
21
dBm
2400 MHz
22
dBm
3500 MHz
26
dBm
5800 MHz
21
dBm
THIRD-ORDER HARMONIC DISTORTION
High Performance Receiver ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com