Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices ADRV9002BBCZ Datasheet HTML 15Page - Analog Devices ADRV9002BBCZ Datasheet HTML 16Page - Analog Devices ADRV9002BBCZ Datasheet HTML 17Page - Analog Devices ADRV9002BBCZ Datasheet HTML 18Page - Analog Devices ADRV9002BBCZ Datasheet HTML 19Page - Analog Devices ADRV9002BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 16 of 100
Table 5.
Parameter
Min
Typ
Max
Unit
VDDA_1P33 Analog Supplies
1.267
1.3
1.33
V
VDDA_1P8 Analog Supplies
1.71
1.8
1.89
V
VDD_1P84 Digital Supply
1.71
1.8
1.89
V
1 VDDA_1P0 refers to all analog 1.0 V supplies that operate with the internal low dropout (LDO) regulator bypassed. The power domain that allows the internal LDO regulator
bypass includes VRFLO2_1P0, VRFLO1_1P0, VRX2LO_1P3, VRX1LO_1P3, VTX2LO_1P3, VCONV_1P3, and VTX1LO_1P3.
2 VDD_1P0 refers to all digital 1.0 V supplies including VDIG_1P0.
3 VDDA_1P3 refers to all analog 1.3 V supplies including VRFVCO2_1P3, VRFVCO1_1P3, VANA2_1P3, VANA1_1P3, VRX2LO_1P3, VCLKSYN_1P3, VRFSYN2_1P3,
VRFSYN1_1P3, VAUXSYN_1P3, VRX1LO_1P3, VTX2LO_1P3, VCLKVCO_1P3, VAUXVCO_1P3, VTX1LO_1P3, and VCONV_1P3.
4 VDD_1P8 refers to all digital 1.8 V supplies including VDIGIO_1P8.
CURRENT CONSUMPTION ESTIMATES (TYPICAL VALUES)
No external VDDA_1P0 1.0 V power domain is used in Table 6 to Table 11. In all following modes described, the ADRV9002 operates with
internal LDO regulators used to produce an on-chip, 1.0 V analog power domain.
Sleep Mode
Table 6. Digital Mobile Radio (DMR) CMOS SSI
ADRV9002 Mode Conditions
Supply (mA)
Total Average
Power (W)
VDDA_1P0
Analog
Supplies
VDD_1P0
Digital
Supply
VDDA_1P3
Analog
Supplies
VDDA_1P8
Analog
Supplies
VDD_1P8
Digital
Supply
Receiver, Transmitter, Clock PLL, and LDO Regulator Powered
Down, Internal Microprocessor Active, CMOS SSI Interface Off,
DEV_CLK_OUT Off, and Auxiliary DACs Off
Not used
18.9
8.2
9.7
1.3
0.049
Receiver, Transmitter, Clock PLL, LDO Regulator, and Internal
Microprocessor Powered Down, CMOS SSI Interface Off,
DEV_CLK_OUT Off, and Auxiliary DACs Off
Not used
2.3
6.9
9.7
1.3
0.031
Table 7. Long-Term Evolution (LTE) Dual Transmitter and Dual Receiver LVDS SSI
ADRV9002 Mode Conditions
Supply (mA)
Total Average
Power (W)
VDDA_1P0
Analog
Supplies
VDD_1P0
Digital
Supply
VDDA_1P3
Analog
Supplies
VDDA_1P8
Analog
Supplies
VDD_1P8
Digital
Supply
Receiver, Transmitter, Clock PLL, and LDO Regulator Powered Down,
Internal Microprocessor Active, LVDS SSI Interface Off, DEV_CLK_OUT
Off, and Auxiliary DACs Off
Not used
24.6
12.4
11.3
1.3
0.066
Receiver, Transmitter, Clock PLL, LDO Regulator, and Internal
Microprocessor Powered Down, LVDS SSI Interface Off, DEV_CLK_OUT
Off, and Auxiliary DACs Off
Not used
2.3
10.3
10.6
1.3
0.037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com