Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 17Page - Analog Devices ADRV9002BBCZ Datasheet HTML 18Page - Analog Devices ADRV9002BBCZ Datasheet HTML 19Page - Analog Devices ADRV9002BBCZ Datasheet HTML 20Page - Analog Devices ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices ADRV9002BBCZ Datasheet HTML 22Page - Analog Devices ADRV9002BBCZ Datasheet HTML 23Page - Analog Devices ADRV9002BBCZ Datasheet HTML 24Page - Analog Devices ADRV9002BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Data Sheet
ADRV9002
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 21 of 100
Table 13.
Parameter
Rating
VDDA_1P0 to VSSA
−0.2 V to +1.2 V
VDDA_1P3 to VSSA
−0.2 V to +1.5 V
VDDA_1P8 to VSSA
−0.3 V to +2.2 V
VDD_1P0 to VSSD
−0.2 V to +1.2 V
VDD_1P8 to VSSD
−0.3 V to +2.2 V
Input Current to Any Pin Except Supplies
±10 mA
Maximum Input Power into RF Ports
See Table 14 for limits vs.
survival time
Junction Temperature Range
−40°C to +110°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Table 14. Maximum Input Power into RF Ports vs. Lifetime
RF Port Input Power,
Continuous Wave Signal (dBm)
Lifetime
30 dB of
Attenuation from
Maximum Gain
0 dB of Attenuation
from Maximum Gain
7
>10 years
>10 years
10
>10 years
20000 hours
20
>10 years
14 hours
23
>10 years
110 minutes
25
>7 years
60 minutes
REFLOW PROFILE
The ADRV9002 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow tempera-
ture is 260°C.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
The thermal resistance values specified in Table 15 are calculated
based on JEDEC specifications (unless specified otherwise) and
must be used in compliance with JESD51-12. Note that using
enhanced heat removal techniques (PCB, heat sink, airflow, and so
on) improves thermal resistance.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
θJC_TOP is the thermal resistance from the junction to the top of the
package case.
Table 15. Thermal Resistance Values1, 2
Package Type
θJA
θJC_TOP θJB
ΨJC
ΨJB
Unit
BC-196-16
18.21
0.04
3.96
0.02
3.63
°C/W
1 For test, 100 μm thermal interface material (TIM) is used. TIM is assumed to
have 3.6 W/mK.
2 Using enhanced heat removal (PCB, heat sink, airflow, and so on) techniques
improve thermal resistance values.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADRV9002
Table 16. ADRV9002, 196-Ball CSP_BGA
ESD Model
Withstand Threshold (V)
Class
HBM
2000
2
CDM
350
C1
CDM (Excluding
AUXADC_2)
500
C2A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com