Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 96 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 96 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 92Page - Analog Devices ADRV9002BBCZ Datasheet HTML 93Page - Analog Devices ADRV9002BBCZ Datasheet HTML 94Page - Analog Devices ADRV9002BBCZ Datasheet HTML 95Page - Analog Devices ADRV9002BBCZ Datasheet HTML 96Page - Analog Devices ADRV9002BBCZ Datasheet HTML 97Page - Analog Devices ADRV9002BBCZ Datasheet HTML 98Page - Analog Devices ADRV9002BBCZ Datasheet HTML 99Page - Analog Devices ADRV9002BBCZ Datasheet HTML 100Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
Data Sheet
ADRV9002
THEORY OF OPERATION
analog.com
Rev. A | 96 of 100
JTAG BOUNDARY SCAN
The ADRV9002 provides support for a JTAG boundary scan. There
are five dual function pins associated with the JTAG interface.
These pins, as shown in Table 19, are used to access the on-chip
test access port. To enable the JTAG functionality, set the DGPIO_8
pin through DGPIO_11 pin and the MODE pin, as shown in Table
19.
Table 18. Pin Number to AGPIO_xx Mapping and AUXDAC_x
Pin Number
Primary Function
Alternate Function
E12
AGPIO_0
AUXDAC_0
F10
AGPIO_1
AUXDAC_1
E3
AGPIO_2
AUXDAC_2
F5
AGPIO_3
AUXDAC_3
F4
AGPIO_4
Not applicable
G4
AGPIO_5
Not applicable
G6
AGPIO_6
Not applicable
H6
AGPIO_7
Not applicable
G9
AGPIO_8
Not applicable
H9
AGPIO_9
Not applicable
F11
AGPIO_10
Not applicable
G11
AGPIO_11
Not applicable
Table 19. Pin Number to DGPIO_xx Mapping and JTAG Function
Pin Number
Primary Function
JTAG Function, Boundary Scan CMOS Mode
JTAG Function, Boundary Scan LVDS Mode
K6
DGPIO_0
Not applicable
Not applicable
K7
DGPIO_1
Not applicable
Not applicable
K8
DGPIO_2
Not applicable
Not applicable
K9
DGPIO_3
TDO
TDO
K10
DGPIO_4
TRST
TRST
K11
DGPIO_5
TDI
TDI
L4
DGPIO_6
TMS
TMS
L5
DGPIO_7
TCLK
TCLK
L6
DGPIO_8
User sets to 0
User sets to 1
L9
DGPIO_9
User sets to 0
User sets to 0
L10
DGPIO_10
User sets to 0
User sets to 0
L11
DGPIO_11
User sets to 0
User sets to 0
M9
DGPIO_12/TX1_DCLK_OUT−
Not applicable
Not applicable
M10
DGPIO_13/TX1_DCLK_OUT+
Not applicable
Not applicable
M6
DGPIO_14/TX2_DCLK_OUT−
Not applicable
Not applicable
M5
DGPIO_15/TX2_DCLK_OUT+
Not applicable
Not applicable
L13
MODE Pin
User sets to 1
User sets to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com