Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 97 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 97 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 92Page - Analog Devices ADRV9002BBCZ Datasheet HTML 93Page - Analog Devices ADRV9002BBCZ Datasheet HTML 94Page - Analog Devices ADRV9002BBCZ Datasheet HTML 95Page - Analog Devices ADRV9002BBCZ Datasheet HTML 96Page - Analog Devices ADRV9002BBCZ Datasheet HTML 97Page - Analog Devices ADRV9002BBCZ Datasheet HTML 98Page - Analog Devices ADRV9002BBCZ Datasheet HTML 99Page - Analog Devices ADRV9002BBCZ Datasheet HTML 100Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
Data Sheet
ADRV9002
APPLICATIONS INFORMATION
analog.com
Rev. A | 97 of 100
POWER SUPPLY SEQUENCE
The ADRV9002 requires a specific power-up sequence to avoid
undesired power-up currents. The optimal power-on sequence re-
quires VDD_1P0 to power up first. The VDDA_1P3 and VDDA_1P8
supplies must then power up after the VDD_1P0 supply. If
VDDA_1P0 is used, VDDA_1P0 must be powered up after
VDDA_1P3 and VDDA_1P8 are enabled.
The user must toggle the RESET signal after power has stabilized
prior to configuration.
DIGITAL DATA INTERFACE
The ADRV9002 data interface supports both CMOS and LVDS
electrical interfaces. The CSSI is intended for narrow RF signal
bandwidths, and the LVDS synchronous serial interface (LSSI) can
support the full RF bandwidth of the ADRV9002. Table 20 provides
a high level overview. For more details, refer to the ADRV9001
system development user guide.
All signal lanes support both electrical interfaces, but concurrent
operation of both interfaces is not supported. Additionally, each
receive and transmit channel has a dedicated set of lanes for
transferring information. The receive and transmit channels cannot
be reconfigured to an alternative ball configuration that is different
from how it has been assigned by design.
CSSI
The CSSI supports two modes of operation, 1-lane serialized data
or 4-lane data. In either case, the maximum clock frequency sup-
ported by the CMOS configuration is 80 MHz.
For the CSSI in 1-lane data mode, 16 bits of I data and 16 bits of Q
data (a total of 32 data bits) are serialized on a single lane. Figure
363 shows a graphical overview of the CSSI in 1-lane data mode.
For the CSSI in 4-lane data mode, the I and Q digital data is spread
across four data lanes. The 16 bits of I data and 16 bits of Q
data are split into 8 bits and sent over one of four data lanes. For
example, Lane 0 would have 8 LSB bits of I data, Lane 1 would
have 8 MSB bits of I data, Lane 2 would have 8 LSB bits of Q data,
and Lane 3 would have 8 MSB bits of Q data.
The CSSI in 4-lane data mode supports both a full rate clock and a
double data rate (DDR) clock. The DDR clock mode allows data to
be latched on both the rising and falling edges, which enables twice
the available RF bandwidth, as shown in Figure 364.
CSSI Receive
In the receive CMOS configuration, two additional signal lanes are
required for the strobe and clock signals in addition to the data
lane requirement as described for the CSSI in 1-lane mode and the
CSSI in 4-lane mode, which allows a total of three signal lanes for
the CSSI in 1-lane data mode and six total signal lanes for the CSSI
in 4-lane data mode.
RXx_DCLK_OUT is an output clock signal that synchronizes the
data and strobe output signals. RXx_STROBE_OUT is a strobe
output signal that indicates the first bit of the serial data stream.
The RXx_STROBE_OUT signal can be configured to indicate
the start of the I and Q samples. For a 16-bit data sample, the
RXx_STROBE_OUT signal is high for one clock cycle and low for
31 clock cycles. Alternatively, the RXx_STROBE_OUT signal can
be configured to be high for I data duration and low for Q data dura-
tion. In this case, for a 16-bit data sample, the RXx_STROBE_OUT
signal is high for 16 clock cycles (I data) and low for 16 clock cycles
(Q data).
CSSI Transmit
For the transmit CMOS configuration, three additional signal lanes
are required for the strobe, clock input, and clock output in addition
to the data lane requirement as described for the CSSI in 1-lane
data mode and the CSSI in 4-lane data mode, which allows a total
of four signal lanes for the CSSI in 1-lane data mode and seven
total signal lanes for the CSSI in 4-lane data mode.
TXx_DCLK_IN is an input clock to the ADRV9002 that syn-
chronizes to the data inputs (TXx_DATA_IN) and strobe inputs
(TXx_STROBE_IN). TXx_STROBE_IN is an input signal that in-
dicates the first bit of the serial data sample. Similar to the
receive path, the transmit strobe has two configuration options.
The TXx_DCLK_OUT is an output clock from the ADRV9002
to the external baseband device to generate the TXx_DCLK_IN,
TXx_STROBE_IN, and TXx_DATA_IN signals.
LSSI
The LSSI supports the higher RF channel bandwidths and requires
differential signal pairs. In LSSI mode, there are two data transfer
formats, 1-lane data mode, where both the I and Q data are
serialized on a single differential pair, or 2-lane data mode, where
the I and Q data occupy separate differential pairs. The selection
of either 1-lane data mode or 2-lane data mode depends on the
RF channel bandwidth. To capture the maximum 40 MHz RF
bandwidth of the ADRV9002, select the LSSI in 2-lane data mode.
In either case, the maximum clock frequency supported by the LSSI
configuration is 491.52 MHz and the clock type is DDR. Refer to
Figure 365 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com