Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 73Page - Analog Devices ADRV9002BBCZ Datasheet HTML 74Page - Analog Devices ADRV9002BBCZ Datasheet HTML 75Page - Analog Devices ADRV9002BBCZ Datasheet HTML 76Page - Analog Devices ADRV9002BBCZ Datasheet HTML 77Page - Analog Devices ADRV9002BBCZ Datasheet HTML 78Page - Analog Devices ADRV9002BBCZ Datasheet HTML 79Page - Analog Devices ADRV9002BBCZ Datasheet HTML 80Page - Analog Devices ADRV9002BBCZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 77 of 100
Figure 279. Transmitter Image Rejection vs. Transmitter Attenuation Code,
Baseband Frequency = 2.1 kHz, Backoff = 0.2 dBFS, Initialization Calibration
Only
Figure 280. Transmitter Third-Order Harmonic Distortion vs. Transmitter
Attenuation Code, Baseband Frequency = 2.1 kHz, Backoff = 0.2 dBFS
Figure 281. Transmitter HD2 vs. Transmitter Attenuation Code, Baseband
Frequency = 2.1 kHz, Backoff = 0.2 dBFS
Figure 282. Transmitter LO Leakage Power vs. Transmitter Attenuation Code,
Baseband Frequency = 2.1 kHz, Backoff = 6 dBFS, Initialization Calibration
Only
Figure 283. Transmitter NSD vs. Frequency Offset from LO, Baseband
Frequency = 2.1 kHz, Transmitter Channel = Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com