Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 19Page - Analog Devices ADRV9002BBCZ Datasheet HTML 20Page - Analog Devices ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices ADRV9002BBCZ Datasheet HTML 22Page - Analog Devices ADRV9002BBCZ Datasheet HTML 23Page - Analog Devices ADRV9002BBCZ Datasheet HTML 24Page - Analog Devices ADRV9002BBCZ Datasheet HTML 25Page - Analog Devices ADRV9002BBCZ Datasheet HTML 26Page - Analog Devices ADRV9002BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
Data Sheet
ADRV9002
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 23 of 100
Table 17. Pin Function Descriptions
Pin No.
Type
Mnemonic
Description
A8
Input
RBIAS
Bias Resistor Connection. RBIAS generates an internal current based on an external 1% resistor.
Connect a 4.99 kΩ resistor between RBIAS and VSSA (analog ground) .
A9
Input and
Outputt
VRFLO1_1P0
1.0 V Internal Supply Node for RF LO1 LO Generation Circuitry. Connect VRFLO1_1P0 together with
VRFVCO1_1P0 and bypass with a 4.7 µF capacitor when the internal LDO regulator operated from the
VRFVCO1_1P3 input is in use. Provide a 1.0 V supply to VRFLO1_1P0 when the internal LDO regulator
operated from VRFVCO1_1P3 is not in use.
A10
Input
VRFVCO1_1P3
1.3 V Internal LDO Input Supply for RF LO1 VCO and LO Generation Circuitry. VRFVCO1_1P3 is
sensitive to supply noise.
A11, A12
Input
EXT_LO1−, EXT_LO1+
Differential External LO Input 2. If EXT_LO1+ and EXT_LO1− are used for the external LO2, the input
frequency must be 2× or higher than the desired carrier frequency. For an LO range from 500 MHz to 1
GHz, a 1× multiplier is available. If unused, connect EXT_LO1+ and EXT_LO1− to VSSA.
B1, C1
Input
RX2A−, RX2A+
Differential Input A for Rx2. If unused, connect RX2A− and RX2A+ to VSSA.
B6
Output
VRFVCO2_1P0
1.0 V Internal Supply Node for RF LO2 VCO Circuitry. Connect this VRFVCO2_1P0 together with
VRFLO2_1P0 and bypass with a 4.7 µF capacitor when the internal LDO regulator operated from the
VRFVCO2_1P3 input is in use.
B7
Input
AUXADC_2
Input 2 to Auxiliary ADC Input Multiplexer. If unused, do not connect AUXADC_2.
B8
Input
AUXADC_1
Input 1 to Auxiliary ADC Input Multiplexer. If unused, do not connect AUXADC_1.
B9
Output
VRFVCO1_1P0
1.0 V Internal Supply node for RF LO1 VCO Circuitry. Connect VRFVCO1_1P0 together with
VRFLO1_1P0 and bypass with a 4.7 µF capacitor when the internal LDO regulator operated from
the VRFVCO1_1P3 input is in use.
B14, C14
Input
RX1A−, RX1A+
Differential Input A for Rx1. If unused, connect RX1A− and RX1A+ to VSSA.
C3, C4
Input
RX2B+, RX2B−
Differential Input B for Rx2. If unused, connect RX2B+ and RX2B− to VSSA.
C6
Input and
Output
VANA2_1P0
1.0 V Internal Supply Node for Tx2 and Rx2 Baseband Circuits, TIA, Transmitter Transconductance (GM)
Baseband Filters, and Auxiliary DACs and ADCs. For normal operation, leave VANA2_1P0 unconnected.
C7
Input
VANA2_1P3
1.3 V Internal LDO Input Supply for Tx2 and Rx2 Baseband Circuits, TIA, Transmitter GM, Baseband
Filters, and Auxiliary DACs and ADCs. VANA2_1P3 is sensitive to supply noise.
C8
Input
VANA1_1P3
1.3 V Internal LDO Input Supply for Tx1 and Rx1 Baseband Circuits, TIA, Transmitter GM and Baseband
Filters. VANA1_1P3 is sensitive to supply noise.
C9
Input and
Output
VANA1_1P0
1.0 V Internal Supply Node for Tx1 and Rx1 Baseband Circuits, TIA, Transmitter GM and Baseband
Filters. For normal operation, leave VANA1_1P0 unconnected.
C11, C12
Input
RX1B−, RX1B+
Differential Input B for Rx1. If unused, connect RX1B− and RX1B+ to VSSA.
D7, D8
Input
MCS+, MCS−
Multichip Synchronization Reference Inputs. If unused, connect MCS+ and MCS− to VSSA.
E1
Output
VRX2LO_1P0
1.0 V Internal Supply Node for Rx2 LO Buffers and Mixers. VRX2LO_1P0 is sensitive to supply noise.
Bypass VRX2LO_1P0 with a 4.7 µF capacitor.
E2
Input
VRX2LO_1P3
1.3 V Internal LDO Input Supply for Rx2 LO Buffers and Mixers. Provide a 1.0 V supply to VRX2LO_1P3
when the internal LDO regulator is not used. VRX2LO_1P3 is sensitive to supply noise.
E3, E12, F4, F5, F10, F11, G4,
G6, G9, G11, H6, H9
Input and
Output
AGPIO_xx
GPIOs Signals Referenced to VAGPIO_1P8 1.8 V Supply. See Table 18 to match the ball location to the
AGPIO_xx signal name. Some AGPIO_xx pins can also function as auxiliary DAC outputs. See Table 18
for mapping between AGPIO_xx and the auxiliary DAC signals. If unused, do not connect AGPIO_xx.
E4
Input
VRFSYN2_1P3
1.3 V Supply for RF LO2 Synthesizer. VRFSYN2_1P3 is sensitive to supply noise.
E5
Input
VCLKSYN_1P3
1.3 V Supply for Clock Synthesizer. VCLKSYN_1P3 is sensitive to supply noise.
E7, E8
Input
DEV_CLK_IN+,
DEV_CLK_IN−
Device Clock Input. DEV_CLK_IN± can operate as differential, single-ended, or be connected to the
external crystal oscillator. In single-ended mode, apply the clock signal to the DEV_CLK_IN+ pin and
leave the DEV_CLK_IN− pin unconnected.
E10
Input
VAUXSYN_1P3
1.3 V Supply for Auxiliary Synthesizer. VAUXSYN_1P3 is sensitive to supply noise.
E11
Input
VRFSYN1_1P3
1.3 V Supply for RF LO1 Synthesizer. VRFSYN1_1P3 is sensitive to supply noise.
E13
Input
VRX1LO_1P3
1.3 V Internal LDO Input Supply for Rx1 LO Buffers and Mixers. Provide a 1.0 V supply to VRX1LO_1P3
when the internal LDO regulator is not used. VRX1LO_1P3 is sensitive to supply noise.
E14
Output
VRX1LO_1P0
1.0 V Internal Supply Node for Rx1 LO Buffers and Mixers. VRX1LO_1P0 is sensitive to supply noise.
Bypass VRX1LO_1P0 with a 4.7 µF capacitor.
G1, H1
Output
TX2+, TX2−
Differential Output for Transmitter Channel 2. If unused, do not connect TX2+ and TX2−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com