Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices ADRV9002BBCZ Datasheet HTML 15Page - Analog Devices ADRV9002BBCZ Datasheet HTML 16Page - Analog Devices ADRV9002BBCZ Datasheet HTML 17Page - Analog Devices ADRV9002BBCZ Datasheet HTML 18Page - Analog Devices ADRV9002BBCZ Datasheet HTML 19Page - Analog Devices ADRV9002BBCZ Datasheet HTML 20Page - Analog Devices ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 17 of 100
TDD Operation
Table 8. DMR, 4× External LO, LO = 470 MHz, Low Power Mode Clock PLL, Processor Clock Divisor = 4, CMOS SSI
ADRV9002 Mode Conditions
Supply (mA)
Total Average
Power (W)
VDDA_1P0
Analog
Supplies
VDD_1P0
Digital
Supply
VDDA_1P3
Analog
Supplies
VDDA_1P8
Analog
Supplies
VDD_1P8
Digital
Supply
1 × Receiver Low Power ADC, Low IF, 12.5 kHz Receiver Bandwidth,
24 kSPS Data Rate, Receiver QEC Enabled, QEC Engine Active, and
Transmitter Powered Down
Not used
92
171
26
3
0.367
1 × Transmitter RF Attenuation = 0 dB, Full-Scale Continuous Wave 12.5
kHz Transmitter Bandwidth, 96 kSPS Data Rate, Direct Modulation (DM)
Mode, Transmitter QEC Disabled, QEC Engine Inactive, and Receiver
Powered Down
Not used
62
257
100
3
0.582
1 × Transmitter RF Attenuation = 6 dB, Full-Scale Continuous Wave
12.5 kHz Transmitter Bandwidth, 96 kSPS Data Rate, DM Mode,
Transmitter QEC Disabled, QEC Engine Inactive, and Receiver Powered
Down
Not used
62
257
58
3
0.506
Table 9. LTE40 Two Transmitters and Two Receivers (2T2R), LO = 2.5 GHz, High Performance Clock PLL, LVDS SSI
ADRV9002 Mode Conditions
Supply (mA)
Total
Average
Power (W)
VDDA_1P0
Analog
Supplies
VDD_1P0
Digital
Supply
VDDA_1P3
Analog
Supplies
VDDA_1P8
Analog
Supplies
VDD_1P8
Digital
Supply
2 × Receiver Low Power ADC Low Rate, 40 MHz Receiver Bandwidth,
61.44 MSPS Data Rate, Receiver QEC Enabled, QEC Engine Active, and
Transmitter in Primed State
Not used
446
546
64
53
1.366
2 × Transmitter RF Attenuation = 0 dB, Full-Scale Continuous Wave 40 MHz
Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC Disabled,
QEC Engine Inactive, and Receiver in Primed State
Not used
225
701
276
52
1.727
2 × Transmitter RF Attenuation = 10 dB, Full-Scale Continuous Wave 40 MHz
Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC Disabled,
QEC Engine Inactive, and Receiver in Primed State
Not used
225
701
120
52
1.446
2 × Transmitter RF Attenuation = 0 dB, Full-Scale Continuous Wave 40 MHz
Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC Disabled,
QEC Engine Active, Receiver in Primed State, Transmitter QEC Tracking
Always On, Observation Receiver Continuously On, and Transmitter Tracking
Duty Cycled (Practical Scenario)
Not used
397
1136
296
52
2.500
2 × Transmitter RF Attenuation = 10 dB, Full-Scale Continuous Wave 40 MHz
Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC Enabled,
QEC Engine Active, Receiver in Primed State, Transmitter QEC Tracking
Always On, Observation Receiver Continuously On, and Transmitter Tracking
Duty Cycled (Practical Scenario)
Not used
395
1126
144
52
2.212
Table 10. LTE40 One Transmitter and One Receiver (1T1R), LO = 2.5 GHz, High Performance Clock PLL, LVDS SSI
ADRV9002 Mode Conditions
Supply (mA)
Total
Average
Power (W)
VDDA_1P0
Analog
Supplies
VDD_1P0
Digital
Supply
VDDA_1P3
Analog
Supplies
VDDA_1P8
Analog
Supplies
VDD_1P8
Digital
Supply
1 × Receiver Low Power ADC Low Rate, 40 MHz Receiver Bandwidth,
61.44 MSPS Data Rate, Receiver QEC Enabled, QEC Engine Active, and
Transmitter in Primed State
Not used
258
406
39
28
0.906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com