Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices ADRV9002BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 11 of 100
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
3500 MHz
−80
dBc
5800 MHz
−71
dBc
Low Power Receiver ADCs
Wideband
HD2WB
−20 dBm input power continuous wave tone at 5.6 MHz at maximum gain at
Rx input port, f1dB of the TIA = 20 MHz, HD2 product at 11.2 MHz
50 MHz
−92
dBc
470 MHz
−92
dBc
900 MHz
−91
dBc
2400 MHz
−89
dBc
3500 MHz
−84
dBc
5800 MHz
−79
dBc
Narrow-Band
HD2NB
−20 dBm input power continuous wave tone at 2.1 kHz at maximum gain at
Rx input port, f1dB of the TIA = 2 MHz, HD2 product at 4.2 kHz
30 MHz
−109
dBc
470 MHz
−94
dBc
900 MHz
−90
dBc
2400 MHz
−81
dBc
3500 MHz
−80
dBc
5800 MHz
−70
dBc
IMAGE REJECTION WITH
INITIALIZATION CALIBRATION AND
HARDWARE TRACKING ONLY
High Performance Receiver ADCs
Wideband
Software QEC disabled, 40 MHz receiver bandwidth, maximum receiver
gain index, −20 dBm input power continuous wave tone at 5.6 MHz
50 MHz
84
dBc
470 MHz
83
dBc
900 MHz
82
dBc
1900 MHz
81
dBc
3500 MHz
82
dBc
5800 MHz
78
dBc
Narrow-Band
25 KHz receiver bandwidth, maximum receiver gain index, −20 dBm input
power continuous wave tone at 2100 KHz
30 MHz
102
dBc
470 MHz
96
dBc
900 MHz
95
dBc
2400 MHz
92
dBc
3500 MHz
89
dBc
5800 MHz
86
dBc
Low Power Receiver ADCs
Wideband
Software QEC disabled, 40 MHz receiver bandwidth, maximum receiver
gain index, −20 dBm input power continuous wave tone at 5.6 MHz
50 MHz
87
dBc
470 MHz
90
dBc
900 MHz
86
dBc
1900 MHz
84
dBc
3500 MHz
82
dBc
5800 MHz
75
dBc
Narrow-Band
25 KHz receiver bandwidth, maximum receiver gain index, −20 dBm input
power continuous wave tone at 2100 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com